Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3479FN Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC3479FN
Szczegółowy opis  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479FN Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC3479FN Datasheet HTML 1Page - ON Semiconductor MC3479FN Datasheet HTML 2Page - ON Semiconductor MC3479FN Datasheet HTML 3Page - ON Semiconductor MC3479FN Datasheet HTML 4Page - ON Semiconductor MC3479FN Datasheet HTML 5Page - ON Semiconductor MC3479FN Datasheet HTML 6Page - ON Semiconductor MC3479FN Datasheet HTML 7Page - ON Semiconductor MC3479FN Datasheet HTML 8Page - ON Semiconductor MC3479FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC3479
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VM
+ 18
Vdc
Clamp Diode Cathode Voltage (Pin 1)
VD
VM + 5.0
Vdc
Driver Output Voltage
VOD
VM + 6.0
Vdc
Drive Output Current/Coil
IOD
± 500
mA
Input Voltage (Logic Controls)
Vin
− 0.5 to + 7.0
Vdc
Bias/Set Current
IBS
− 10
mA
Phase A Output Voltage
VOA
+ 18
Vdc
Phase A Sink Current
IOA
20
mA
Junction Temperature
TJ
+ 150
°C
Storage Temperature Range
Tstg
− 65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Max
Unit
Supply Voltage
VM
+ 7.2
+ 16.5
Vdc
Clamp Diode Cathode Voltage
VD
VM
VM + 4.5
Vdc
Driver Output Current (Per Coil) (Note 1)
IOD
350
mA
Input Voltage (Logic Controls)
Vin
0
+ 5.5
Vdc
Bias/Set Current (Outputs Active)
IBS
−300
− 75
mA
Phase A Output Voltage
VOA
VM
Vdc
Phase A Sink Current
IOA
0
8.0
mA
Operating Ambient Temperature
TA
0
+ 70
°C
1. See section on Power Dissipation in Application Information.
DC ELECTRICAL CHARACTERISTICS (Specifications apply over the recommended supply voltage and temperature range,
(Notes 2, 3) unless otherwise noted.)
Characteristic
Pins
Symbol
Min
Typ
Max
Unit
INPUT LOGIC LEVELS
Threshold Voltage (Low−to−High)
7, 8,
9, 10
VTLH
2.0
Vdc
Threshold Voltage (High−to−Low)
VTHL
0.8
Vdc
Hysteresis
VHYS
0.4
Vdc
Current: (VI = 0.4 V)
(VI = 5.5 V)
(VI = 2.7 V)
IIL
−100
+ 100
+20
mA
DRIVER OUTPUT LEVELS
Output High Voltage (IBS = − 300 mA)
IOD = − 350 mA
IOD = − 0.1 mA
2, 3,
14, 15
VOHD
VM −2.0
VM −1.2
Vdc
Output Low Voltage (IBS = − 300 mA, IOD = 350 mA)
VOLD
0.8
Vdc
Differential Mode Output Voltage Difference (Note 4)
(IBS = − 300 mA, IOD = 350 mA)
14, 15
DVOD
CVOD
0.15
0.15
Vdc
Output Leakage, Hi Z State
(0
v VOD v VM, IBS = − 5.0 mA)
(0
v VOD v VM, IBS = − 300 mA, F/H = 2.0 V, OIC = 0.8 V)
14, 15
IOZ1
IOZ2
−100
−100
+100
+100
mA
CLAMP DIODES
Forward Voltage
(ID = 350 mA)
1, 2,
3, 14,
15
VDF
2.5
3.0
Vdc
Leakage Current (Per Diode)
(Pin 1 = 21 V; Outputs = 0 V; IBS = 0 mA)
IDR
100
mA


Podobny numer części - MC3479FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3479 ONSEMI-MC3479 Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Podobny opis - MC3479FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com