Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3479 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC3479
Szczegółowy opis  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC3479 Datasheet HTML 2Page - ON Semiconductor MC3479 Datasheet HTML 3Page - ON Semiconductor MC3479 Datasheet HTML 4Page - ON Semiconductor MC3479 Datasheet HTML 5Page - ON Semiconductor MC3479 Datasheet HTML 6Page - ON Semiconductor MC3479 Datasheet HTML 7Page - ON Semiconductor MC3479 Datasheet HTML 8Page - ON Semiconductor MC3479 Datasheet HTML 9Page - ON Semiconductor MC3479 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC3479
http://onsemi.com
6
VD
This pin allows for provision of a current path for the
motor coil current during switching, in order to suppress
back−EMF voltage spikes. VD is normally connected to VM
(Pin 16) through a diode (zener or regular), a resistor, or
directly. The peaks instantaneous voltage at the outputs must
not exceed VM by more than 6.0 V. The voltage drop across
the internal clamping diodes must be included in this portion
of the design (see Figure 6). Note the parasitic diodes
(Figure 5) across each QL of each output provide for a
complete circuit path for the switched current.
Figure 6. Clamp Diode Characteristics
ID (mA)
300
100
200
0
0
1.0
2.0
3.0
Full/Half Step
When this input is at a Logic “0” (< 0.8 V), the outputs
change a full step with each clock cycle, with the sequence
direction depending on the CW/CCW input. There are four
steps (Phase A, B, C, D) for each complete cycle of the
sequencing logic. Current flows through both motor coils
during each step, as shown in Figure 7.
When taken to a Logic “1” (>2.0 V), the outputs change
a half step with each clock cycle, with the sequence direction
depending on the CW/CCW input. Eight steps (Phase A to
H) result for each complete cycle of the sequencing logic.
Phase A, C, E and G correspond (in polarity) to Phase A, B,
C, and D, respectively, of the full step sequence. Phase B, D,
F and H provide current to one motor coil, while
de−energizing the other coil. The condition of the outputs of
the de−energized coil depends on the OIC input, see Figure 7
timing diagram.
OIC
The output impedance control input determines the output
impedance to the de−energized coil when operating in the
half−step mode. When the outputs are in Phase B, D, F or H
(Figure 7) and this input is at a Logic “0” (<0.8 V), the two
outputs to the de−energized coil are in a high impedance
condition − QL and QH of both outputs (Figure 5) are off.
When this input is at a Logic “1” (>2.0 V), a low impedance
output is provided to the de−energized coil as both outputs
have QH on (QL off). To complete the low impedance path
requires connecting VD to VM as described elsewhere in this
data sheet.
Bias/Set
This pin can be used for three functions: a) determining
the maximum output sink current; b) setting the internal
logic to a known state; and c) reducing power consumption.
a) The maximum output sink current is determined by the
base drive current supplied to the lower transistors (QLs of
Figure 5) of each output, which in turn, is a function of IBS.
The appropriate value of IBS can be approximated using
Figure 11.


Podobny numer części - MC3479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3479 ONSEMI-MC3479 Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Podobny opis - MC3479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com