Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ31704RVQR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ31704RVQR
Szczegółowy opis  4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31704RVQR Arkusz danych(HTML) 2 Page - Texas Instruments

  LMZ31704RVQR Datasheet HTML 1Page - Texas Instruments LMZ31704RVQR Datasheet HTML 2Page - Texas Instruments LMZ31704RVQR Datasheet HTML 3Page - Texas Instruments LMZ31704RVQR Datasheet HTML 4Page - Texas Instruments LMZ31704RVQR Datasheet HTML 5Page - Texas Instruments LMZ31704RVQR Datasheet HTML 6Page - Texas Instruments LMZ31704RVQR Datasheet HTML 7Page - Texas Instruments LMZ31704RVQR Datasheet HTML 8Page - Texas Instruments LMZ31704RVQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMZ31704
SLVSBV8A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Over Operating Temperature Range (Unless Otherwise Noted)
MIN
MAX
UNIT
VIN, PVIN
–0.3
20
V
Input Voltage
INH/UVLO, PWRGD, RT/CLK, SENSE+
–0.3
6
V
ILIM, VADJ, SS/TR, STSEL, SYNC_OUT, ISHARE, OCP_SEL
–0.3
3
V
PH
–1.0
20
V
Output Voltage
PH 10ns Transient
–3.0
20
V
VOUT
–0.3
6
V
RT/CLK, INH/UVLO
±100
µA
Source Current
PH
current limit
A
PH
current limit
A
Sink Current
PVIN
current limit
A
PWRGD
–0.1
2
mA
Operating Junction Temperature
–40
125(2)
°C
Storage Temperature
–65
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
RECOMMENDED OPERATING CONDITIONS
Over Operating Free-Air Temperature Range (Unless Otherwise Noted)
MIN
NOM
MAX
UNIT
PVIN
Input Switching Voltage
2.95
17
V
VIN
Input Bias Voltage
4.5
17
V
VOUT
Output Voltage
0.6
5.5
V
fSW
Switching Frequency
200
1200
kHz
PACKAGE SPECIFICATIONS
LMZ31704
UNIT
Weight
1.45 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
37.4 MHrs
Table 1. ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31704


Podobny numer części - LMZ31704RVQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
More results

Podobny opis - LMZ31704RVQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com