Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ35003RKGR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ35003RKGR
Szczegółowy opis  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003RKGR Arkusz danych(HTML) 1 Page - Texas Instruments

  LMZ35003RKGR Datasheet HTML 1Page - Texas Instruments LMZ35003RKGR Datasheet HTML 2Page - Texas Instruments LMZ35003RKGR Datasheet HTML 3Page - Texas Instruments LMZ35003RKGR Datasheet HTML 4Page - Texas Instruments LMZ35003RKGR Datasheet HTML 5Page - Texas Instruments LMZ35003RKGR Datasheet HTML 6Page - Texas Instruments LMZ35003RKGR Datasheet HTML 7Page - Texas Instruments LMZ35003RKGR Datasheet HTML 8Page - Texas Instruments LMZ35003RKGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
Output Current (A)
VIN = 24 V,VOUT = 15 V,fSW = 1 MHz
VIN = 24 V,VOUT = 12 V,fSW = 800 kHz
G000
VOUT
VIN
LMZ35003
VADJ
AGND
PGND
VOUT
VIN
PWRGD
RT/CLK
INH/UVLO
SS/TR
STSEL
CIN
RSET
COUT
LMZ35003
www.ti.com
SNVS988 – JULY 2013
2.5A SIMPLE SWITCHER® Power Module with 7V-50V Input in QFN Package
Check for Samples: LMZ35003
1
FEATURES
DESCRIPTION
Complete Integrated Power Solution Allows
The LMZ35003 SIMPLE SWITCHER® power module
Small Footprint, Low-Profile Design
is an easy-to-use integrated power solution that
Wide Input Voltage Range from 7 V to 50 V
combines a 2.5-A DC/DC converter with a shielded
Output Adjustable from 2.5 V to 15 V
inductor and passives into a low profile, QFN
package. This total power solution allows as few as
65-V Surge Capability
five external components and eliminates the loop
Efficiencies Up To 96%
compensation and magnetics part selection process.
Adjustable Switching Frequency
The small 9 mm × 11 mm × 2.8 mm, QFN package is
(300 kHz to 1 MHz)
easy to solder onto a printed circuit board and allows
Synchronizes to an External Clock
a compact point-of-load design with greater than 90%
Adjustable Slow-Start
efficiency and excellent power dissipation capability.
The LMZ35003 offers the flexibility and the feature-
Output Voltage Sequencing and Tracking
set of a discrete point-of-load design and is ideal for
Power Good Output
powering
a
wide
range
of
ICs
and
systems.
Programmable Undervoltage Lockout (UVLO)
Advanced packaging technology affords a robust and
reliable power solution compatible with standard QFN
Output Overcurrent Protection
mounting and testing techniques.
Over Temperature Protection
Pre-bias Output Start-up
SIMPLIFIED APPLICATION
Operating Temperature Range: –40°C to 85°C
Enhanced Thermal Performance: 14°C/W
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
For Design Help visit
http://www.ti.com/LMZ35003
APPLICATIONS
Industrial and Motor Controls
Automated Test Equipment
Medical and Imaging Equipment
High Density Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LMZ35003RKGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

Podobny opis - LMZ35003RKGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com