Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP53T1G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BCP53T1G
Szczegółowy opis  PNP Silicon Epitaxial Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53T1G Arkusz danych(HTML) 2 Page - ON Semiconductor

  BCP53T1G Datasheet HTML 1Page - ON Semiconductor BCP53T1G Datasheet HTML 2Page - ON Semiconductor BCP53T1G Datasheet HTML 3Page - ON Semiconductor BCP53T1G Datasheet HTML 4Page - ON Semiconductor BCP53T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP53 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−100
Vdc
Collector−Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−80
Vdc
Collector−Emitter Breakdown Voltage
(IC = −100 mAdc, RBE = 1.0 kW)
V(BR)CER
−100
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
− 5.0
Vdc
Collector−Base Cutoff Current
(VCB = − 30 Vdc, IE = 0)
ICBO
−100
nAdc
Emitter−Base Cutoff Current
(VEB = − 5.0 Vdc, IC = 0)
IEBO
−10
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = − 5.0 mAdc, VCE = − 2.0 Vdc)
All Part Types
(IC = −150 mAdc, VCE = − 2.0 Vdc)
BCP53, SBCP53
BCP53−10, SBCP53−10
BCP53−16, SBCP53−16
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
All Part Types
hFE
25
40
63
100
25
250
160
250
Collector−Emitter Saturation Voltage
(IC = − 500 mAdc, IB = − 50 mAdc)
VCE(sat)
− 0.5
Vdc
Base−Emitter On Voltage
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
VBE(on)
−1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = − 5.0 Vdc, f = 35 MHz)
fT
50
MHz


Podobny numer części - BCP53T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
   PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

Podobny opis - BCP53T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com