Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA2015 Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części KTA2015
Szczegółowy opis  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KTA2015 Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  KTA2015 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
KTA2015 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.1
W (Tamb=25
℃)
Collector current
ICM:
-0.5
A
Collector-base voltage
V(BR)CBO:
-35
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100µA, IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
hFE(1)
VCE=-1V, IC=-100mA
70
240
DC current gain
hFE(2)
VCE=-6V, IC=-400mA
O
Y
25
40
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.25
V
Base-emitter voltage
VBE
VCE=-1V, IC=-100mA
-1
V
Transition frequency
fT
VCE=-6V, IC=-20mA
200
MHz
Collector output capacitance
Cob
VCB=-6V, IE=0, f=1MHz
13
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
70-140
120-240
Marking
ZO
ZY
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
KTA2015
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Podobny numer części - KTA2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA2015 KEC-KTA2015 Datasheet
245Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA2015 WEITRON-KTA2015 Datasheet
94Kb / 2P
   PNP General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTA2015 HTSEMI-KTA2015 Datasheet
516Kb / 1P
   TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
KTA2015 BILIN-KTA2015 Datasheet
191Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
More results

Podobny opis - KTA2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com