Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD725AR Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD725AR
Szczegółowy opis  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD725AR Arkusz danych(HTML) 4 Page - Analog Devices

  AD725AR Datasheet HTML 1Page - Analog Devices AD725AR Datasheet HTML 2Page - Analog Devices AD725AR Datasheet HTML 3Page - Analog Devices AD725AR Datasheet HTML 4Page - Analog Devices AD725AR Datasheet HTML 5Page - Analog Devices AD725AR Datasheet HTML 6Page - Analog Devices AD725AR Datasheet HTML 7Page - Analog Devices AD725AR Datasheet HTML 8Page - Analog Devices AD725AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
AD725
PIN DESCRIPTIONS
Pin
Mnemonic
Description
Equivalent Circuit
1
STND
Encoding Standard Pin. A Logic HIGH input selects NTSC encoding.
Circuit A
A Logic LOW input selects PAL encoding.
TTL Logic Levels.
2
AGND
Analog Ground Connection.
3
4FSC
4FSC Clock Input.
Circuit A
For NTSC: 14.318 180 MHz.
For PAL: 17.734 475 MHz.
TTL Logic Levels.
4
APOS
Analog Positive Supply (+5 V
± 5%).
5
CE
Chip Enable. A Logic HIGH input enables the encode function.
Circuit A
A Logic LOW input powers down chip when not in use.
TTL Logic Levels.
6
RIN
Red Component Video Input.
Circuit B
0 mV to 714 mV AC-Coupled.
7
GIN
Green Component Video Input.
Circuit B
0 mV to 714 mV AC-Coupled.
8
BIN
Blue Component Video Input.
Circuit B
0 mV to 714 mV AC-Coupled.
9
CRMA
Chrominance Output.*
Circuit C
Approximately 1.8 V peak-to-peak for both NTSC and PAL.
10
COMP
Composite Video Output.*
Circuit C
Approximately 2.5 V peak-to-peak for both NTSC and PAL.
11
LUMA
Luminance plus CSYNC Output.*
Circuit C
Approximately 2 V peak-to-peak for both NTSC and PAL.
12
YTRAP
Luminance Trap Filter Tap. Attach L-C resonant network to reduce cross-color artifacts.
Circuit D
13
DGND
Digital Ground Connection.
14
DPOS
Digital Positive Supply (+5 V
± 5%).
15
VSYNC
Vertical Sync Signal (if using external CSYNC set at > +2 V). TTL Logic Levels.
Circuit A
16
HSYNC
Horizontal Sync Signal (or CSYNC signal). TTL Logic Levels.
Circuit A
*The Luminance, Chrominance and Composite Outputs are at twice normal levels for driving 75
Ω reverse-terminated lines.
7
VCLAMP
6
8
DPOS
DGND
3
1
5
15
16
DPOS
DGND
10
9
11
APOS
AGND
DGND
DPOS
APOS
AGND
DGND
DPOS
12
1k
Circuit A
Circuit B
Circuit C
Circuit D
Figure 1. Equivalent Circuits


Podobny numer części - AD725AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD725AR AD-AD725AR Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR AD-AD725AR Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR AD-AD725AR Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR-REEL AD-AD725AR-REEL Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR-Reel AD-AD725AR-Reel Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
More results

Podobny opis - AD725AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD725 AD-AD725 Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ AD-AD725ARZ Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725 AD-AD725_15 Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com