Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF256H Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LF256H
Szczegółowy opis  LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LF256H Arkusz danych(HTML) 5 Page - Texas Instruments

  LF256H Datasheet HTML 1Page - Texas Instruments LF256H Datasheet HTML 2Page - Texas Instruments LF256H Datasheet HTML 3Page - Texas Instruments LF256H Datasheet HTML 4Page - Texas Instruments LF256H Datasheet HTML 5Page - Texas Instruments LF256H Datasheet HTML 6Page - Texas Instruments LF256H Datasheet HTML 7Page - Texas Instruments LF256H Datasheet HTML 8Page - Texas Instruments LF256H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
AC Electrical Characteristics
TA = TJ = 25°C, VS = ±15V
LF155/355
LF156/256/
LF156/256/356/
LF257/357
356B
LF356B
Symbol
Parameter
Conditions
Units
Typ
Min
Typ
Typ
SR
Slew Rate
LF155/6: AV=1,
5
7.5
12
V/
μs
LF357: AV=5
50
V/
μs
GBW
Gain Bandwidth Product
2.5
5
20
MHz
ts
Settling Time to 0.01%
(1)
4
1.5
1.5
μs
en
Equivalent Input Noise
RS=100Ω
Voltage
f=100 Hz
25
15
15
nV/
√Hz
f=1000 Hz
20
12
12
nV/
√Hz
in
Equivalent Input Current
f=100 Hz
0.01
0.01
0.01
pA/
√Hz
Noise
f=1000 Hz
0.01
0.01
0.01
pA/
√Hz
CIN
Input Capacitance
3
3
3
pF
(1)
Settling time is defined here, for a unity gain inverter connection using 2 k
Ω resistors for the LF155/6. It is the time required for the error
voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10V step input is
applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2kΩ and the output step is 10V (See Settling
Time Test Circuit).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LF155 LF156 LF355 LF356 LF357


Podobny numer części - LF256H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF256H NSC-LF256H Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF256H NSC-LF256H Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI1-LF256H Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI1-LF256H Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

Podobny opis - LF256H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com