Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS649BBGZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADXRS649BBGZ
Szczegółowy opis  Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS649BBGZ Arkusz danych(HTML) 1 Page - Analog Devices

  ADXRS649BBGZ Datasheet HTML 1Page - Analog Devices ADXRS649BBGZ Datasheet HTML 2Page - Analog Devices ADXRS649BBGZ Datasheet HTML 3Page - Analog Devices ADXRS649BBGZ Datasheet HTML 4Page - Analog Devices ADXRS649BBGZ Datasheet HTML 5Page - Analog Devices ADXRS649BBGZ Datasheet HTML 6Page - Analog Devices ADXRS649BBGZ Datasheet HTML 7Page - Analog Devices ADXRS649BBGZ Datasheet HTML 8Page - Analog Devices ADXRS649BBGZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Fast Starting, ±20,000°/sec
Vibration Rejecting Rate Gyro
Data Sheet
ADXRS649
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High vibration rejection over wide frequency
Ultrafast startup: 3 ms
Measurement range extendable to ±50,000°/sec
10,000 g powered shock survivability
Ratiometric to referenced supply
5 V single-supply operation
Z-axis (yaw rate) response
−40°C to +105°C operation
Self-test on digital command
Ultrasmall and light (<0.15 cc, <0.5 gram)
Temperature sensor output
RoHS compliant
APPLICATIONS
Sports equipment
Industrial applications
Platform stabilization
High speed tachometry
GENERAL DESCRIPTION
The ADXRS649 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc., patented high volume BiMOS
surface-micromachining process to make a complete gyro on
one chip. An advanced, differential, quad sensor design rejects
the influence of linear acceleration, enabling the ADXRS649
to offer rate sensing in harsh environments where shock and
vibration are present.
The output signal, RATEOUT (B1, A2), is a voltage proportional
to the angular rate about the axis normal to the top surface of
the package. The output is ratiometric with respect to a provided
reference supply. An external capacitor is used to set the band-
width. The measurement range is extendable to ±50,000°/sec
by adding an external resistor.
Low power consumption (3.5 mA) enables very low power
consumption, and ultrafast startup (3 ms) allows for quick
power cycling of the gyro. At 10 samples per second, a pair of
CR2032 coin cells can power the ADXRS649 for three months.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor
to test proper operation of both the sensor and the signal condi-
tioning circuits. The ADXRS649 is available in a 7 mm × 7 mm ×
3 mm CBGA chip scale package.
FUNCTIONAL BLOCK DIAGRAM
VDD
AGND
PGND
AVCC
ST2
ST1
TEMP
VRATIO
CP1
CP2
CP3
CP4
CP5
SUMJ
RATEOUT
DEMOD
ROUT
180k
Ω ±1%
22nF
2.2nF
22nF
100nF
100nF
100nF
DRIVE
AMP
MECHANICAL
SENSOR
CHARGE PUMP
AND VOLTAGE
REGULATOR
COUT
5V
5V
5V
(ADC REF)
AC
AMP
VGA
25k
AT 25°C
ADXRS649
25k
SELF-TEST
Figure 1.


Podobny numer części - ADXRS649BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
More results

Podobny opis - ADXRS649BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com