Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22678QTJ-ADJ Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM22678QTJ-ADJ
Szczegółowy opis  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678QTJ-ADJ Arkusz danych(HTML) 4 Page - Texas Instruments

  LM22678QTJ-ADJ Datasheet HTML 1Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 2Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 3Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 4Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 5Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 6Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 7Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 8Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM22678
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TA = TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified:
VIN = 12V.
Min
Typ
Max
Parameter
Test Conditions
Units
(1)
(2)
(1)
IBIAS
Feedback Bias Current
VFB = 1.3V (ADJ Version Only)
230
nA
VEN
Enable Threshold Voltage
Falling
1.3
1.6
1.9
V
VENHYST
Enable Threshold Hysteresis
0.6
V
IEN
Enable Input Current
EN Input = 0V
6
µA
TSD
Thermal Shutdown Threshold
150
°C
θJA
Thermal Resistance
Junction to ambient thermal
22
°C/W
resistance (3)
(3)
The value of
θJA for the PFM package of 22°C/W is valid if package is mounted to 1 square inch of copper. The θJA value can range
from 20 to 30°C/W depending on the amount of PCB copper dedicated to heat transfer. See application note AN-1797 SNVA328 for
more information.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22678


Podobny numer części - LM22678QTJ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22678QTJ-ADJ TI1-LM22678QTJ-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678QTJ-ADJ/NOPB TI-LM22678QTJ-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

Podobny opis - LM22678QTJ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com