Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22678QTJE-5.0 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM22678QTJE-5.0
Szczegółowy opis  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678QTJE-5.0 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM22678QTJE-5.0 Datasheet HTML 1Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 2Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 3Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 4Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 5Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 6Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 7Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 8Page - Texas Instruments LM22678QTJE-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM22678
www.ti.com
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
43V
EN Pin Voltage
-0.5V to 6V
SW to GND (3)
-5V to VIN
BOOT Pin Voltage
VSW + 7V
FB Pin Voltage
-0.5V to 7V
Power Dissipation
Internally Limited
Junction Temperature
150°C
For soldering specifications, refer to the following document: www.ti.com/lit/snoa549
ESD Rating (4)
Human Body Model
±2 kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The absolute maximum specification of the ‘SW to GND’ applies to DC voltage. An extended negative voltage limit of -10V applies to a
pulse of up to 50 ns.
(4)
ESD was applied using the human body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
Supply Voltage (VIN)
4.5V to 42V
Junction Temperature Range
-40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TA = TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified:
VIN = 12V.
Min
Typ
Max
Parameter
Test Conditions
Units
(1)
(2)
(1)
LM22678-5.0
VFB
Feedback Voltage
VIN = 8V to 42V
4.925/4.9
5.0
5.075/5.1
V
LM22678-ADJ
VFB
Feedback Voltage
VIN = 4.7V to 42V
1.266/1.259
1.285
1.304/1.311
V
All Output Voltage Versions
IQ
Quiescent Current
VFB = 5V
3.4
6
mA
ISTDBY
Standby Quiescent Current
EN Pin = 0V
25
40
µA
ICL
Current Limit
6.0/5.75
7.1
8.4/8.75
A
IL
Output Leakage Current
VIN = 42V, EN Pin = 0V, VSW = 0V
0.2
2
µA
VSW = -1V
0.1
3
µA
RDS(ON)
Switch On-Resistance
0.1
0.14/0.2
fO
Oscillator Frequency
400
500
600
kHz
TOFFMIN
Minimum Off-time
100
200
300
ns
TONMIN
Minimum On-time
100
ns
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical values represent most likely parametric norms at the conditions specified and are not ensured.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22678


Podobny numer części - LM22678QTJE-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22678QTJE-5.0 TI1-LM22678QTJE-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678QTJE-5.0/NOPB TI-LM22678QTJE-5.0/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

Podobny opis - LM22678QTJE-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com