Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-2800 Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-2800
Szczegółowy opis  Large bright, uniform light emitting areas
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2800 Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HLMP-2800 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HLMP-2300/2600/2620 Annunciators (.2 x .4 HER/AlGaAs),
HLCP-A100/D100/E100
Intensity Bin Limits (mcd)
HLMP-2350/2635/2655/2670 Annunciators (.2 x .8 HER/AlGaAs),
HLCP-B100/C100/F100/G100 (.4 x .4 HER/AlGaAs)
IV Bin Category
Min.
Max.
A
3.00
5.60
B
4.50
8.20
C
6.80
12.10
D
10.10
18.50
E
15.30
27.80
F
22.80
45.50
G
36.90
73.80
Notes:
1. Minimum category A for Red L/C AlGaAs (-A100/-D100/-E100).
2. Minimum category C for HER (-2300/-2600/-2620).
IV Bin Category
Min.
Max.
A
5.40
10.90
B
9.00
16.00
C
13.10
24.00
D
19.70
36.10
E
29.60
54.20
F
44.90
88.80
G
71.90
143.80
Notes:
1. Minimum category A for Red L/C AlGaAs (-B100/-C100/-F100/-G100).
2. Minimum category C for HER (-2350/-2635/-2670).
HLMP-2685/HLCP-H100 Annunciators (.4 x .8 HER/AlGaAs)
IV Bin Category
Min.
Max.
A
10.80
22.00
B
18.00
27.10
C
22.00
40.80
D
33.30
61.10
E
50.00
91.80
F
75.10
150.00
G
121.70
243.40
Notes:
1. Minimum category A for Red L/C AlGaAs (-H100).
2. Minimum category C for HER (-2685).


Podobny numer części - HLMP-2800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-2800 HP-HLMP-2800 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2800 AVAGO-HLMP-2800 Datasheet
338Kb / 16P
   LED Light Bars
logo
Everlight Electronics C...
HLMP-2800 EVERLIGHT-HLMP-2800 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2800 AVAGO-HLMP-2800 Datasheet
322Kb / 16P
   LED Light Bars
logo
Everlight Electronics C...
HLMP-2800 EVERLIGHT-HLMP-2800 Datasheet
997Kb / 5P
   LED LIGHT BARS
More results

Podobny opis - HLMP-2800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL-53173Y LITEON-LTL-53173Y Datasheet
151Kb / 5P
   LARGE, BRIGHT, UNIFORM LIGHT EMITTING AREAS
logo
Fairchild Semiconductor
HLMP2450 FAIRCHILD-HLMP2450 Datasheet
770Kb / 6P
   Large area, umiform, bright light-emitting surfaces
logo
Ledil, Inc.
FN16358 LEDIL-FN16358 Datasheet
8Mb / 5P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14326 LEDIL-F14326 Datasheet
3Mb / 7P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F15384 LEDIL-F15384 Datasheet
2Mb / 4P
   IESNA Type IV light distribution for wider roads and large outdoor areas
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
   Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
   Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
   Uniform light disbursement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com