Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS52001 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części TS52001
Szczegółowy opis  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TS52001 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS52001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
- 8 -
TS52001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
FUNCTIONAL DESCRIPTION
The TS52001 is a fully-integrated Li-Ion battery charger IC based on a highly-efficient switching topology. It includes a
Maximum Power Point Tracking (MPPT) function to optimize its input voltage to extract the maximum possible power from a
photovoltaic cell. It includes configurability for termination voltage, charge current and a host of other variables to allow
optimum charging conditions for a wide range of Li-Ion batteries. A 1 MHz internal switching frequency facilitates low-cost LC
filter combinations.
When the battery voltage is below 3.0 volts, the device will enter a pre-charge state and apply a small, programmable charge
current to safely charge the battery to a level for which full charge current can be applied. Once the full charge mode has been
initiated, the device will maximize available charge current to the battery by adjusting its duty cycle to regulate its input voltage
to the Maximum Power Point (MPP) voltage of the photovoltaic cell. If sufficient current is available from the PV cell to exceed
the safe 1C charge rate of the battery, then the programmable 1C current limit function will take precedence over the MPP
control function and the PV cell voltage will rise above the MPP value.
When the battery voltage has increased enough to go into maintenance mode, the PWM control loop will force a constant
voltage across the battery. Once in constant voltage mode, current is monitored to determine when the battery is fully charged.
This regulation voltage as well as the 1C charging current can be set to change based on battery temperature. There are 4
temperature ranges where these can be set independently, 0-10°C, 10-45°C, 45-50°C and 50-60°C. The 0°C and 60°C thresholds
will stop charging and have 10 degrees of hysteresis. The intermediate points have 1 degree of hysteresis.
INTERNAL PROTECTION DETAILS
Internal Current Limit
The current through the inductor is sensed on a cycle by cycle basis and if current limit is reached, it will abbreviate the cycle.
Current limit is always active when the regulator is enabled.
Thermal Shutdown
If the temperature of the die exceeds 170°C (typical), the SW outputs will tri-state to protect the device from damage. The nFLT
and all other protection circuitry will stay active to inform the system of the failure mode. Once the device cools to 160°C
(typical), the device will attempt to start up again. If the device reaches 170°C, the shutdown/restart sequence will repeat.
VIN Under-Voltage Lockout
The device is held in the off state until VIN reaches 3.15V. There is a 200mV hysteresis on this input, which requires the input
to fall below 2.95V before the device will disable.
Battery Over-Voltage Protection
The TS52001 has a battery protection circuit designed to shutdown the charging profile if the battery voltage is greater than
the termination voltage. The termination voltage can change based on user programming, so the protection threshold is set to
2% above the termination voltage. Shutting down the charging profile puts the TS52001 in a fault condition.
FAULT HANDLING
nFLT Pin Functionality
In the event of a battery over-voltage, the battery temperature being outside of the safe charging range or the full charge timer
expiring, charging will stop, and the nFLT pin will be pulled low. When the fault condition is no longer present, the device will
enter the INITIALIZE state, but the nFLT pin will remain low until register 0 is read. When the register 0 is read, the nFLT pin
will go high until a new fault is detected.
Other Faults
When an open thermistor, thermal shut down, VIN under-voltage, or top off time-out are detected, charging will immediately
stop and the corresponding bit in register 0 will be set. The device will enter the INITIALIZE state until the fault is no longer
detected.


Podobny numer części - TS52001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
   High Efficiency SuperCap Charger for Photovoltaic Sources
More results

Podobny opis - TS52001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
   High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
   High Efficiency SuperCap Charger for Photovoltaic Sources
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com