Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA13688_STRADA-SQ-T3 Arkusz danych(PDF) 1 Page - Lumileds Lighting Company

Numer części CA13688_STRADA-SQ-T3
Szczegółowy opis  PRODUCT DATASHEET Strada-SQ series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUMILEDS [Lumileds Lighting Company]
Strona internetowa  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CA13688_STRADA-SQ-T3 Arkusz danych(HTML) 1 Page - Lumileds Lighting Company

  CA13688_STRADA-SQ-T3 Datasheet HTML 1Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 2Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 3Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 4Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 5Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 6Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 7Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 8Page - Lumileds Lighting Company CA13688_STRADA-SQ-T3 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCT DATASHEET
Strada-SQ series
last update 15/11/2013
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA13509_STRADA-SQ-T2
Strada-SQ
Assembly
LUXEON M
Black
25 x 25 mm
8.7 mm
Square
PMMA
-
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asymmetric degrees
93 %
0.600
Available
We recommend a minimum center to center spacing between STRADA-SQ-T2 lenses of 30mm (edge to edge spacing >5mm) to ensure the best optical performance.
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA13688_STRADA-SQ-T3
Strada-SQ
Assembly
LUXEON M
Clear
25 x 25 mm
8.4 mm
Square
PMMA
-
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asymmetric degrees
92 %
0.500
Available
We recommend a minimum center to center spacing between STRADA-SQ-T3 lenses of 30mm (edge to edge spacing >5mm) to ensure the best optical performance.
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA13758_STRADA-SQ-FS-NP
Strada-SQ
Assembly
LUXEON M
Clear
25x25 mm
12.6 mm
Square
PMMA
-
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asym degrees
92 %
0.900
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA13897_STRADA-SQ-FS
Strada-SQ
Lens
LUXEON M
Clear
25x25 mm
12.6 mm
Square
PMMA
-
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asymmetric degrees
92 %
0.900
Available
December 5th 2013 17:03 Copyright Ledil Oy - Subject to change without prior notice - Page 1/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Podobny numer części - CA13688_STRADA-SQ-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
   IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
More results

Podobny opis - CA13688_STRADA-SQ-T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Ledil, Inc.
C11347-REGINA LEDIL-C11347-REGINA Datasheet
386Kb / 7P
   PRODUCT DATASHEET Regina series
logo
List of Unclassifed Man...
FR25A ETC1-FR25A Datasheet
391Kb / 2P
   LEXAN FR25A FILM PRODUCT DATASHEET
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com