Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP785GBFC Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP785GBFC
Szczegółowy opis  Office Equipment Household Appliances
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785GBFC Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP785GBFC Datasheet HTML 1Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 2Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 3Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 4Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 5Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 6Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 7Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 8Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP785,TLP785F
2012-02-20
1
1
2
3
4
1 : Anode
2 : Cathode
3 : Emitter
4 : Collector
TOSHIBA Photocoupler GaAs IRED & Photo−Transistor
TLP785,TLP785F
Office Equipment
Household Appliances
Solid State Relays
Switching Power Supplies
Various Controllers
Signal Transmission Between Different Voltage
Circuits
The TOSHIBA TLP785 consists of a silicone phototransistor optically
coupled to a gallium arsenide (GaAs) infrared emitting diode in a four
lead plastic DIP (DIP4) with having high isolation voltage
(AC: 5kVRMS (min)).
TLP785F is a lead forming type for the long creepage surface mounting
of TLP785.
• TLP785: 7.62mm pitch type DIP4
• TLP785F: 10.16mm pitch type DIP4
• Collector-emitter voltage: 80V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 5000Vrms (min.)
• UL approved: UL1577, file No. E67349
• BSI under application: BS EN60065:2002
BS EN60950-1:2006
• SEMKO under application:EN60065:2002
EN60950-1:2001, EN60335-1:2002
• Option(D4)type
VDE approved: DIN EN60747-5-2
(Note): When an EN60747-5-2 approved type is needed,
Please designate “Option (D4)”
.
• Construction mechanical rating
7.62mm Pitch
Standard Type
10.16mm Pitch
TLPxxxF Type
Creepage distance
7.0mm(min)
8.0mm(min)
Clearance
7.0mm(min)
8.0mm(min)
Insulation thickness
0.4mm(min)
0.4mm(min)
Inner creepage distance
4.0mm(min)
4.0mm(min)
Unit: mm
TOSHIBA
11-5L1
Weight: 0.32 g (typ.)
Unit: mm
TOSHIBA
11-5L102
Weight: 0.32g (typ.)
TLP785
Pin Configurations
(top view)
TLP785F


Podobny numer części - TLP785GBFC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785GB-S UMW-TLP785GB-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

Podobny opis - TLP785GBFC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com