Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP785 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP785
Szczegółowy opis  Office Equipment Household Appliances
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP785 Datasheet HTML 1Page - Toshiba Semiconductor TLP785 Datasheet HTML 2Page - Toshiba Semiconductor TLP785 Datasheet HTML 3Page - Toshiba Semiconductor TLP785 Datasheet HTML 4Page - Toshiba Semiconductor TLP785 Datasheet HTML 5Page - Toshiba Semiconductor TLP785 Datasheet HTML 6Page - Toshiba Semiconductor TLP785 Datasheet HTML 7Page - Toshiba Semiconductor TLP785 Datasheet HTML 8Page - Toshiba Semiconductor TLP785 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP785,TLP785F
2012-02-20
5
Option: Specifications for Embossed-Tape Packing; (TP6)/(TP7)
1. Applicable Package
Package Name
Product Type
DIP4LF6
TLP785
DIP4LF7
TLP785F
2. Product Naming System
Type of package used for shipment is denoted by a symbol suffix after a product number. The method of
classification is as below.
(Example)
TLP785 (BL−TP6,F
[[G]]/RoHS COMPATIBLE
Tape type
CTR Rank
Device name
(Example2)
TLP785F (BL−TP7,F
[[G]]/RoHS COMPATIBLE
Tape type
CTR Rank
Device name
3. Tape Dimensions
3.1 Orientation of Device in Relation to Direction of Tape Movement
Device orientation in the recesses is as shown in Figure 2.
Figure2 Device Orientation
3.2 Tape Packing Quantity:2000 devices per reel
3.3 Empty Device Recesses Are as Shown in Table 1.
Table1 Empty Device Recesses
Standard
Remarks
Occurrences of 2 or more
successive empty device
recesses
0
Within any given 40-mm section of
tape, not including leader and trailer
Single
empty
device
recesses
6 devices (max.) per reel
Not including leader and trailer
3.4 Start and End of Tape
The start of the tape has 30 or more empty holes. The end of the tape has 50 or more empty holes.
Tape feed
P
1pin indication


Podobny numer części - TLP785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785BL-S UMW-TLP785BL-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785BL-S UMW-TLP785BL-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

Podobny opis - TLP785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com