Zakładka z wyszukiwarką danych komponentów |
|
TLP785 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP785 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 16 page TLP785,TLP785F 2012-02-20 1 1 2 3 4 1 : Anode 2 : Cathode 3 : Emitter 4 : Collector TOSHIBA Photocoupler GaAs IRED & Photo−Transistor TLP785,TLP785F Office Equipment Household Appliances Solid State Relays Switching Power Supplies Various Controllers Signal Transmission Between Different Voltage Circuits The TOSHIBA TLP785 consists of a silicone phototransistor optically coupled to a gallium arsenide (GaAs) infrared emitting diode in a four lead plastic DIP (DIP4) with having high isolation voltage (AC: 5kVRMS (min)). TLP785F is a lead forming type for the long creepage surface mounting of TLP785. • TLP785: 7.62mm pitch type DIP4 • TLP785F: 10.16mm pitch type DIP4 • Collector-emitter voltage: 80V (min.) • Current transfer ratio: 50% (min.) Rank GB: 100% (min.) • Isolation voltage: 5000Vrms (min.) • UL approved: UL1577, file No. E67349 • BSI under application: BS EN60065:2002 BS EN60950-1:2006 • SEMKO under application:EN60065:2002 EN60950-1:2001, EN60335-1:2002 • Option(D4)type VDE approved: DIN EN60747-5-2 (Note): When an EN60747-5-2 approved type is needed, Please designate “Option (D4)” . • Construction mechanical rating 7.62mm Pitch Standard Type 10.16mm Pitch TLPxxxF Type Creepage distance 7.0mm(min) 8.0mm(min) Clearance 7.0mm(min) 8.0mm(min) Insulation thickness 0.4mm(min) 0.4mm(min) Inner creepage distance 4.0mm(min) 4.0mm(min) Unit: mm TOSHIBA 11-5L1 Weight: 0.32 g (typ.) Unit: mm TOSHIBA 11-5L102 Weight: 0.32g (typ.) TLP785 Pin Configurations (top view) TLP785F |
Podobny numer części - TLP785 |
|
Podobny opis - TLP785 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |