Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74092 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części 74092
Szczegółowy opis  Primary / Secondary Insulation ??4000V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74092 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  74092 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
Primary / Secondary Insulation
≥ 4000V
Creepage distance Primary / Secondary
≥ 6mm
Ambient temperature < 70°C
Construction conforms to IEC950, IEC335, IEC61558 for reinforced insulation
Exclusively uses UL94-V0 listed materials
Pin 3 Removed
PCB Drilling Diameter = 1.1mm
Bottom View (Pin side)
0V
+S1
DRAIN
+E
Examples of application with Integrated Circuits :
SIZE E16 • SINGLE OUTPUT : 5 or 12v
TRANSFORMER
FOR TINYSWITCH
74092
3.1 w
Pri
10 – 9
191
55 – 100 (VOR)
0.34 Apeak
4200µH
S1
5 – 2
13
3.3 – 6 Vdc
0.9 Adc
74093
3.1 w
Pri
10 – 9
191
65 – 125 (VOR)
0.34 Apeak
4200µH
S1
5 – 2
24
7.5 – 15 Vdc
0.4 Adc
MYRRA
P / N
Windings
Output
Power
maximum
Pins
Turns
Voltage
Current
maximum
Inductance
(+/-10%)
74092
Power Integrations
TNY254
85 - 265Vrms
3.1w
44kHz
74093
Power Integrations
TNY254
85 - 265Vrms
3.1w
44kHz
MYRRA
P / N
Frequency
Control IC
Manufacturer
Control IC
P / N
Input voltage
Power


Podobny numer części - 74092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
7409 NSC-7409 Datasheet
93Kb / 4P
   Quad 2-Input AND Gates with Open-Collector Outputs
logo
Sonardyne sound in dept...
7409 SONARDYNE-7409 Datasheet
100Kb / 2P
   ORT and DORT Acoustic Release Transponders
logo
Myrra
74090 MYRRA-74090 Datasheet
110Kb / 1P
   FLYBACK TRANSFORMER
74091 MYRRA-74091 Datasheet
110Kb / 1P
   FLYBACK TRANSFORMER
74094 MYRRA-74094 Datasheet
111Kb / 1P
   FLYBACK TRANSFORMER
More results

Podobny opis - 74092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Volgen Kaga Electronics...
MSD15-2412 VOLGEN-MSD15-2412 Datasheet
63Kb / 3P
   Primary-Secondary Isolation Voltage
MSS15-2403 VOLGEN-MSS15-2403 Datasheet
144Kb / 6P
   Primary-Secondary Isolation Voltage
logo
Pulse A Technitrol Comp...
PE-67050 PULSE-PE-67050 Datasheet
53Kb / 1P
   Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
logo
Weidmuller
1482050000 WEIDMULLER-1482050000 Datasheet
868Kb / 3P
   Primary current: 250 A, Secondary current max.: 5A
2556030000 WEIDMULLER-2556030000 Datasheet
312Kb / 3P
   Primary current: 50 A, Secondary current max.: 1A
2556010000 WEIDMULLER-2556010000 Datasheet
312Kb / 3P
   Primary current: 64 A, Secondary current max.: 1A
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
   Primary current mode control, and secondary voltage mode control
logo
TRIAD MAGNETICS
VPP10-3000 TRIAD-VPP10-3000_13 Datasheet
92Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP12-800 TRIAD-VPP12-800_13 Datasheet
94Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
VPP12-2400 TRIAD-VPP12-2400_13 Datasheet
93Kb / 1P
   Hipot: 4000VAC between primary to secondary and windings to core.
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com