Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD15-73 Arkusz danych(PDF) 1 Page - Alpha Industries

Numer części PD15-73
Szczegółowy opis  Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHA [Alpha Industries]
Strona internetowa  http://www.alphaind.com
Logo ALPHA - Alpha Industries

PD15-73 Arkusz danych(HTML) 1 Page - Alpha Industries

  PD15-73 Datasheet HTML 1Page - Alpha Industries PD15-73 Datasheet HTML 2Page - Alpha Industries PD15-73 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 3/99A
Two-Way 0° Power Splitter
Combiner 1.42–1.66 GHz
Features
s Low Cost
s Low Profile
s Available in Small SOT-6 Lead Package
s Tape & Reel
PD15-73
Description
The PD15-73 is a monolithic two-way in-phase hybrid
junction tuned for the 1.42–1.66 GHz band. It offers low
loss, high isolation, good input/output matching and
exceptional phase/amplitude balance. It is available in the
SOT-6 lead surface mount package.
Parameter
Min.
Typ.
Max.
Unit
Frequency
1.42
1.66
GHz
Insertion Loss Less 3 dB Split
0.4
0.6
dB
Isolation
18
23
dB
Input VSWR
1.2:1
1.5:1
Output VSWR
1.2:1
1.4:1
Amplitude Balance
±0.1
±0.2
dB
Phase Balance
±1.0
±3.0
Deg.
Electrical Specifications at 25°C
GND
Port 1
Port 2
GND
IN/SUM
GND
Pin Out
IN/SUM
Port 1
Port 2
Block Diagram


Podobny numer części - PD15-73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
PD15-73LF SKYWORKS-PD15-73LF Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
More results

Podobny opis - PD15-73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Alpha Industries
PD16-73 ALPHA-PD16-73 Datasheet
355Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
PD15-12 ALPHA-PD15-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
logo
Skyworks Solutions Inc.
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
   Two-Way Power Splitter Combiner 1.42-1.66 GHz
logo
Alpha Industries
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD09-73 SKYWORKS-PD09-73 Datasheet
169Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD18-12 ALPHA-PD18-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com