Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD723ARU Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD723ARU
Szczegółowy opis  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD723ARU Arkusz danych(HTML) 3 Page - Analog Devices

  AD723ARU Datasheet HTML 1Page - Analog Devices AD723ARU Datasheet HTML 2Page - Analog Devices AD723ARU Datasheet HTML 3Page - Analog Devices AD723ARU Datasheet HTML 4Page - Analog Devices AD723ARU Datasheet HTML 5Page - Analog Devices AD723ARU Datasheet HTML 6Page - Analog Devices AD723ARU Datasheet HTML 7Page - Analog Devices AD723ARU Datasheet HTML 8Page - Analog Devices AD723ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
AD723
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage, AVDD to AGND . . . . . . . . . . . . . . . . . . . 6 V
Supply Voltage, DVDD to DGND . . . . . . . . . . . . . . . . . . 6 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Inputs . . . . . . . . . . . . . . . . . . DGND – 0.3 to DVDD + 0.3 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 800 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
28-lead TSSOP package:
θJA = 67.7°C/W.
Thermal Resistance measured on SEMI standard 4-layer board.
PIN CONFIGURATION
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD723 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD723ARU
–40
°C to +85°C
28-Lead TSSOP
RU-28
AD723ARU-REEL
–40
°C to +85°C
28-Lead TSSOP
RU-28
AD723-EVAL
Evaluation Board
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD723
DGND
DVDD
TGND
BT
GT
RT
AGND
STND
SA
CE
TERM
BIN
GIN
RIN
HSYNC
VSYNC
4FSC
TVDET
CVSET
CV
YTRAP
AGND
YSET
Y
AVDD1
AVDD
C
CSET


Podobny numer części - AD723ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD723ARU AD-AD723ARU Datasheet
687Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD723ARU-REEL AD-AD723ARU-REEL Datasheet
687Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
More results

Podobny opis - AD723ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD723 AD-AD723 Datasheet
687Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD723 AD-AD723_15 Datasheet
674Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com