Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD723-EVAL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD723-EVAL
Szczegółowy opis  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD723-EVAL Arkusz danych(HTML) 4 Page - Analog Devices

  AD723-EVAL Datasheet HTML 1Page - Analog Devices AD723-EVAL Datasheet HTML 2Page - Analog Devices AD723-EVAL Datasheet HTML 3Page - Analog Devices AD723-EVAL Datasheet HTML 4Page - Analog Devices AD723-EVAL Datasheet HTML 5Page - Analog Devices AD723-EVAL Datasheet HTML 6Page - Analog Devices AD723-EVAL Datasheet HTML 7Page - Analog Devices AD723-EVAL Datasheet HTML 8Page - Analog Devices AD723-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD723
–4–
APOS
AGND
APOS
DPOS
DGND
POS
POS
APOS
AGND
AGND
APOS
DGND
DGND
DPOS
DPOS
TGND
1k
1k
19
24
26
27
20
23
18
10
11
9
6
7
5
2
3
1
16
17
15
4
21
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
Equivalent Circuit
1
STND
Encoding Standard Pin. A Logic HIGH signal is used for NTSC encoding, a Logic LOW
Circuit A
signal signifies PAL.
2
SA
When SA is high, phase alternation accompanies NTSC bandwidths and timing for
Circuit A
support of PAL (M) and “combination N” standards used in South America.
3
CE
Chip Enable. A Logic HIGH input enables the encode function. A Logic LOW input
Circuit A
powers down the chip when not in use. Requires active HSYNC signal to activate.
Can be raised briefly to perform power-down load check.
4
TERM
Terminate. A Logic HIGH enables terminate function. RT, GT, and BT terminals are
Circuit A
tied to the termination ground, TGND. A Logic Low leaves these terminals floating.
5
RIN
Red Component Video Input. 0 mV to 714 mV ac-coupled.
Circuit B
6
GIN
Green Component Video Input. 0 mV to 714 mV ac-coupled.
Circuit B
7
BIN
Blue Component Video Input. 0 mV to 714 mV ac-coupled.
Circuit B
8
AGND
Analog Ground Connection. (Main Ground Connection.)
9
RT
Input Terminal for RED Termination Switch. Can be left unconnected when switchable
Circuit F
input termination option is not used.
10
GT
Input Terminal for GREEN Termination Switch. Can be left unconnected when switchable Circuit F
input termination option is not used.
11
BT
Input Terminal for BLUE Termination Switch. Can be left unconnected when switchable
Circuit F
input termination option is not used.
12
TGND
Termination Switch Ground Connection.
13
DVDD
Digital Positive Supply Connection.
14
DGND
Digital Ground Connection.
15
HSYNC
Horizontal Sync Signal (or CSYNC signal).
Circuit A
16
VSYNC
Vertical Sync Signal.
Circuit A
17
4FSC
4FSC Clock Input. For NTSC: 14.318 180 MHz, for PAL: 17.734 475 MHz.
Circuit A
18
TVDET
Output Flag for TV Presence Detection. LOW signal signifies no TV present.
Circuit E
19
CVSET
Composite Video Gain Setting Resistor.
Circuit C
20
CV
Composite Video Output.
Circuit C
21
YTRAP
Luminance Trap Filter Tap. Attach L-C resonant network to reduce cross-color artifacts.
Circuit D
22
AVDD
Analog Positive Supply Connection.
23
C
Chrominance Output.
Circuit C
24
CSET
Chrominance Gain Setting Resistor.
Circuit C
25
AVDD1
Analog Positive Supply Connection.
26
Y
Luminance Output (with CSYNC).
Circuit C
27
YSET
Luminance Gain Setting Resistor.
Circuit C
28
AGND
Analog Ground Connection.
Figure 1. Equivalent Circuits
Circuit A
Circuit B
Circuit C
Circuit D
Circuit E
Circuit F


Podobny numer części - AD723-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD723-EVAL AD-AD723-EVAL Datasheet
687Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
More results

Podobny opis - AD723-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD723 AD-AD723 Datasheet
687Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD723 AD-AD723_15 Datasheet
674Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com