Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD19-73 Arkusz danych(PDF) 2 Page - Alpha Industries

Numer części PD19-73
Szczegółowy opis  Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHA [Alpha Industries]
Strona internetowa  http://www.alphaind.com
Logo ALPHA - Alpha Industries

PD19-73 Arkusz danych(HTML) 2 Page - Alpha Industries

  PD19-73 Datasheet HTML 1Page - Alpha Industries PD19-73 Datasheet HTML 2Page - Alpha Industries PD19-73 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Two-Way 0° Power Splitter Combiner 1.71–1.99 GHz
PD19-73
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 12/00A
Insertion Loss vs. Frequency
Frequency (GHz)
-3.80
-3.75
-3.70
-3.65
-3.60
-3.55
-3.50
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Input VSWR vs. Frequency
Frequency (GHz)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Isolation vs. Frequency
Frequency (GHz)
-40
-35
-30
-25
-20
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Output VSWR vs. Frequency
Frequency (GHz)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Phase Balance vs. Frequency
Frequency (GHz)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Amplitude Balance vs. Frequency
Frequency (GHz)
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
1.71
1.75
1.79
1.83
1.87
1.91
1.95
1.99
Typical Performance Data


Podobny numer części - PD19-73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
More results

Podobny opis - PD19-73

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD18-12 ALPHA-PD18-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD4W18-59 SKYWORKS-PD4W18-59 Datasheet
144Kb / 4P
   Four-Way 0째 Power Splitter/Combiner 1.71-1.99 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD4W18-12 SKYWORKS-PD4W18-12 Datasheet
133Kb / 5P
   Four-Way Power Splitter Combiner 1.71-1.99 GHz
logo
Alpha Industries
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD09-73 SKYWORKS-PD09-73 Datasheet
169Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Alpha Industries
PD15-73 ALPHA-PD15-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com