Zakładka z wyszukiwarką danych komponentów |
|
AD7225BQ Arkusz danych(PDF) 10 Page - Analog Devices |
|
AD7225BQ Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 24 page AD7225 Rev. C | Page 10 of 24 INTERFACE LOGIC INFORMATION The AD7225 contains two registers per DAC, an input register and a DAC register. The A0 and A1 address lines select which input register accepts data from the input port. When the WR signal is low, the input latches of the selected DAC are transpa- rent. The data is latched into the addressed input register on the rising edge of Table 5 WR. shows the addressing for the input registers on the AD7225. Table 5. AD7225 Addressing A1 A0 Selected Input Register Low Low DAC A Low High DAC B High Low DAC C High High DAC D Only the data held in the DAC register determines the analog output of the converter. The LDAC signal is common to all four DACs and controls the transfer of information from the input registers to the DAC registers. Data is latched into all four DAC registers simultaneously on the rising edge of LDAC. The LDAC signal is level triggered and therefore the DAC registers can be made transparent by tying LDAC low (in this case, the outputs of the converters respond to the data held in their respective input latches). LDAC is an asynchronous signal and is indepen- dent of WR. This is useful in many applications. However, in systems where the asynchronous LDAC can occur during a write cycle (or vice versa), care must be taken to ensure that incorrect data is not latched through to the output. If LDAC is activated prior to the rising edge of WR (or WR occurs during LDAC), LDAC must stay low for t6or longer after WR Table 6. Truth Table goes high to ensure correct data is latched through to the output. Table 6 shows the truth table for AD7225 operation. Figure 12 shows the input control logic for the part; the write cycle timing diagram is given in Figure 13. WR LDAC Function High High No operation. Device not selected. Low High Input register of selected DAC transparent. High Input register of selected DAC latched. High Low All four DAC registers Transparent (that is, outputs respond to data held in respective input registers). Input registers are latched. High All four DAC registers latched. Low Low DAC registers and selected input register transparent output follows input data for selected channel. TO INPUT LATCH A TO INPUT LATCH B TO ALL DAC LATCHES TO INPUT LATCH C TO INPUT LATCH D LDAC A0 A1 WR Figure 12. Input Control Logic ADDRESS DATA IN LDAC WR 5V 5V 5V 0V 5V 0V DATA VALID VINH VINL t2 t3 t1 t6 t5 t4 NOTES 1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURED FROM 10% TO 90% OF 5V. tR = tF = 20ns OVER VDD RANGE. 2. TIMING MEASUREMENT REFERENCE LEVEL IS 3. IF LDAC IS ACTIVATED PRIOR TO THE RISING EDGE OF WR, THEN IT MUST STAY LOW FOR t6 OR LONGER AFTER WR GOES HIGH. VINH + VINL 2 Figure 13. Write Cycle Timing Diagram |
Podobny numer części - AD7225BQ |
|
Podobny opis - AD7225BQ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |