Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225KR-REEL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7225KR-REEL
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225KR-REEL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7225KR-REEL Datasheet HTML 2Page - Analog Devices AD7225KR-REEL Datasheet HTML 3Page - Analog Devices AD7225KR-REEL Datasheet HTML 4Page - Analog Devices AD7225KR-REEL Datasheet HTML 5Page - Analog Devices AD7225KR-REEL Datasheet HTML 6Page - Analog Devices AD7225KR-REEL Datasheet HTML 7Page - Analog Devices AD7225KR-REEL Datasheet HTML 8Page - Analog Devices AD7225KR-REEL Datasheet HTML 9Page - Analog Devices AD7225KR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7225
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUTB 1
VOUTA 2
VSS 3
VREFB 4
VOUTC
24
VOUTD
23
VDD
22
VREFC
21
VREFA 5
VREFD
20
AGND
6
A0
19
DGND
7
A1
18
LDAC
8
WR
17
DB7
9
DB0
16
DB6 10
DB1
15
DB5 11
DB2
14
DB4 12
DB3
13
AD7225
TOP VIEW
(Not to Scale)
1
28
27
26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
VREFB
VREFA
AGND
NC
DGND
LDAC
DB7
VREFC
VREFD
A0
NC
A1
WR
DB0
PIN 1
INDENTFIER
12
13
14
15
16
17
18
AD7225
TOP VIEW
(Not to Scale)
Figure 2. PDIP, SOIC, CERDIP, and SSOP
Figure 3. PLCC
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
PDIP, SOIC,
CERDIP, SSOP
PLCC
1
2
VOUTB
DAC Channel B Voltage Output.
2
3
VOUTA
DAC Channel A Voltage Output.
3
4
VSS
Negative Power Supply Connection.
4
5
VREFB
Reference Voltage Connection for DAC Channel B.
5
6
VREFA
Reference Voltage Connection for DAC Channel A.
6
7
AGND
Analog Ground Reference Connection.
7
9
DGND
Digital Ground Reference Connection.
8
10
LDAC
Active Low Load DAC Signal. DAC register data is latched on the rising edge of LDAC.
9
11
DB7
Data Bit 7 (Most Significant Data Bit).
10
12
DB6
Data Bit 6.
11
13
DB5
Data Bit 5.
12
14
DB4
Data Bit 4.
13
16
DB3
Data Bit 3.
14
17
DB2
Data Bit 2.
15
18
DB1
Data Bit 1.
16
19
DB0
Data Bit 0 (Least Significant Data Bit).
17
20
WR
Active Low Data Write Signal. Input register data is latched on the rising edge of WR.
18
21
A1
DAC Address Select Pin.
19
23
A0
DAC Address Select Pin.
20
24
VREFD
Reference Voltage Connection for DAC Channel D.
21
25
VREFC
Reference Voltage Connection for DAC Channel C.
22
26
VDD
Positive Power Supply Connection.
23
27
VOUTD
DAC Channel D Voltage Output.
24
28
VOUTC
DAC Channel C Voltage Output.
N/A
1, 8, 15, 22
NC
No Internal Connection.


Podobny numer części - AD7225KR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Podobny opis - AD7225KR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com