Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225KRZ-REEL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7225KRZ-REEL
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225KRZ-REEL Arkusz danych(HTML) 3 Page - Analog Devices

  AD7225KRZ-REEL Datasheet HTML 1Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 2Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 3Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 4Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 5Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 6Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 7Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 8Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7225
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 11.4 V to 16.5 V, VSS = −5 V ± 10%; AGND = DGND = 0 V; VREFx = +2 V to (VDD − 4 V)1
Parameter
, unless otherwise noted. All specifications
TMIN to TMAX, unless otherwise noted.
Table 1.
K, B
Versions2
L, C
Versions2
Unit
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error
±2
±1
LSB max
VDD = 15 V ± 5%, VREF = 10 V
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Full-Scale Error
±1
±1/2
LSB max
Full-Scale Temperature Coefficient
±5
±5
ppm/°C typ
VDD = 14 V to 16.5 V, VREF = 10 V
Zero Code Error
±30
±20
mV max
Zero Code Error Temperature Coefficient
±30
±30
μV/°C typ
REFERENCE INPUT
Voltage Range
2 to (VDD − 4)
2 to (VDD − 4)
V min to V max
Input Resistance
11
11
kΩ min
Input Capacitance3
50
50
pF max
Occurs when each DAC is loaded with all 1s
Channel-to-Channel Isolation3
60
60
dB min
VREF = 10 V p-p sine wave at 10 kHz
AC Feedthrough3
−70
−70
dB max
VREF = 10 V p-p sine wave at 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
μA max
VIN = 0 V or VDD
Input Capacitance3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate3
2.5
2.5
V/μs min
Voltage Output Settling Time3
4
4
μs max
VREF = 10 V; settling time to ±½ LSB
Digital Feedthrough3
50
50
nV sec typ
Code transition all 0s to all 1s
Digital Crosstalk3
50
50
nV sec typ
Code transition all 0s to all 1s
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
POWER SUPPLIES
VDD Range
11.4/16.5
11.4/16.5
V min to V max
For specified performance
IDD
10
10
mA max
Outputs unloaded; VIN = VINL or VINH
ISS
9
9
mA max
Outputs unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS3, 4
t1
50
50
ns min
Write pulse width
t2
0
0
ns min
Address to write setup time
t3
0
0
ns min
Address to write hold time
t4
50
50
ns min
Data valid to write setup time
t5
0
0
ns min
Data valid to write hold time
t6
50
50
ns min
Load DAC pulse width
1
Maximum possible reference voltage.
2
Temperature range is as follows for all versions: −40°C to +85°C.
3
Sample tested at 25°C to ensure compliance.
4
Switching characteristics apply for single-supply and dual-supply operation.


Podobny numer części - AD7225KRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Podobny opis - AD7225KRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com