Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225LN Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7225LN
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225LN Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7225LN Datasheet HTML 4Page - Analog Devices AD7225LN Datasheet HTML 5Page - Analog Devices AD7225LN Datasheet HTML 6Page - Analog Devices AD7225LN Datasheet HTML 7Page - Analog Devices AD7225LN Datasheet HTML 8Page - Analog Devices AD7225LN Datasheet HTML 9Page - Analog Devices AD7225LN Datasheet HTML 10Page - Analog Devices AD7225LN Datasheet HTML 11Page - Analog Devices AD7225LN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7225
Rev. C | Page 8 of 24
TERMINOLOGY
Total Unadjusted Error
Total unadjusted error is a comprehensive specification that
includes full-scale error, relative accuracy, and zero code error.
Maximum output voltage is VREF − 1 LSB (ideal), where 1 LSB
(ideal) is VREF/256. The LSB size varies over the VREF range.
Therefore, the zero code error, relative to the LSB size, increases
as VREF decreases. Accordingly, the total unadjusted error, which
includes the zero code error, also varies in terms of LSB over the
VREF range. As a result, total unadjusted error is specified for a
fixed reference voltage of 10 V.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
allowing for zero code error and full-scale error and is normally
expressed in LSB or as a percentage of full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
over the operating temperature range ensures monotonicity.
Digital Feedthrough
Digital feedthrough is the glitch impulse transferred to the
output of the DAC due to a change in its digital input code. It is
specified in nV sec and is measured at VREF = 0 V.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one converter (not addressed) due to a change in the digital
input code to another addressed converter. It is specified in nV
sec and is measured at VREF = 0 V.
AC Feedthrough
AC feedthrough is the proportion of reference input signal that
appears at the output of a converter when that DAC is loaded
with all 0s.
Channel-to-Channel Isolation
Channel-to-channel isolation is the proportion of input signal
from the reference of one DAC (loaded with all 1s) that appears
at the output of one of the other three DACs (loaded with all 0s)
The figure given is the worst case for the three other outputs
and is expressed as a ratio in dB.
Full-Scale Error
Full-scale error is defined as
FSE = Measured Value − Zero Code Error − Ideal Value


Podobny numer części - AD7225LN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225LN AD-AD7225LN Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Podobny opis - AD7225LN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com