Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225LPZ-REEL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7225LPZ-REEL
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ-REEL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7225LPZ-REEL Datasheet HTML 7Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 8Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 9Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 10Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 11Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 12Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 13Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 14Page - Analog Devices AD7225LPZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7225
Rev. C | Page 11 of 24
GROUND MANAGEMENT AND LAYOUT
Because the AD7225 contains four reference inputs that can be
driven from ac sources (see the AC Reference Signal section),
careful layout and grounding is important to minimize analog
crosstalk between the four channels. The dynamic performance
of the four DACs depends on the optimum choice of board
layout. Figure 14 shows the relationship between input fre-
quency and channel-to-channel isolation. Figure 15 shows a
printed circuit board layout that minimizes crosstalk and
feedthrough. The four input signals are screened by AGND.
VREF was limited to between 2 V and 3.24 V to avoid slew rate
limiting effects from the output amplifier during measurements.
–80
–70
–60
–50
–40
–30
20k
50k
100k
200k
500k
1M
INPUT FREQUENCY (Hz)
VDD = +15V
VSS = –5V
TA = 25°C
VREF = 1.24V p-p
Figure 14. Channel-to-Channel Isolation
VOUTC
VOUTB
VOUTD
VOUTA
VDD
VSS
VREFC
VREFB
VREFD
VREFA
MSB
LSB
PIN 1
SYSTEM
GND
DGND
AGND
Figure 15. Suggested PCB Layout for AD7225, Component Side (Top View)


Podobny numer części - AD7225LPZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225LP AD-AD7225LP Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Podobny opis - AD7225LPZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com