Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7225LR-REEL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7225LR-REEL
Szczegółowy opis  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7225LR-REEL Arkusz danych(HTML) 5 Page - Analog Devices

  AD7225LR-REEL Datasheet HTML 1Page - Analog Devices AD7225LR-REEL Datasheet HTML 2Page - Analog Devices AD7225LR-REEL Datasheet HTML 3Page - Analog Devices AD7225LR-REEL Datasheet HTML 4Page - Analog Devices AD7225LR-REEL Datasheet HTML 5Page - Analog Devices AD7225LR-REEL Datasheet HTML 6Page - Analog Devices AD7225LR-REEL Datasheet HTML 7Page - Analog Devices AD7225LR-REEL Datasheet HTML 8Page - Analog Devices AD7225LR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7225
Rev. C | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V, +17 V
VDD to DGND
−0.3 V, +17 V
VDD to VSS
−0.3 V, +24 V
AGND to DGND
−0.3 V, VDD
Digital Input Voltage to DGND
−0.3 V, VDD + 0.3 V
VREFx to AGND
−0.3 V, VDD + 0.3 V
VOUTx to AGND1
VSS, VDD
Power Dissipation (Any Package) to 75°C
500 mW
Derates Above 75°C by
2.0 mW/°C
Operating Temperature
Commercial (K, L Versions)
−40°C to +85°C
Industrial (B, C Versions)
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1
Outputs can be shorted to any voltage in the range VSS to VDD provided that
the power dissipation of the package is not exceeded. Typical short-circuit
current for a short to AGND or VSS is 50 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD7225LR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225LR AD-AD7225LR Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Podobny opis - AD7225LR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com