Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3208 Arkusz danych(PDF) 2 Page - America Semiconductor, LLC

Numer części 1N3208
Szczegółowy opis  DEVICE HIGH POWER STANDARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMERICASEMI [America Semiconductor, LLC]
Strona internetowa  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N3208 Arkusz danych(HTML) 2 Page - America Semiconductor, LLC

  1N3208 Datasheet HTML 1Page - America Semiconductor, LLC 1N3208 Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Podobny numer części - 1N3208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3208 MICROSEMI-1N3208 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
More results

Podobny opis - 1N3208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
America Semiconductor, ...
1N3212 AMERICASEMI-1N3212 Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
1N2128A AMERICASEMI-1N2128A Datasheet
404Kb / 2P
   DEVICE HIGH POWER STANDARD
1N1183 AMERICASEMI-1N1183 Datasheet
407Kb / 2P
   DEVICE HIGH POWER STANDARD
1N2133A AMERICASEMI-1N2133A Datasheet
419Kb / 2P
   DEVICE HIGH POWER STANDARD
1N1183A AMERICASEMI-1N1183A Datasheet
423Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
FutureWafer Tech Co.,Lt...
FSD052DS FUTUREWAFER-FSD052DS Datasheet
699Kb / 5P
   Standard ESD Protection Device
logo
Fujitsu Component Limit...
F_USB20LP FUJITSU-F_USB20LP Datasheet
82Kb / 2P
   Standard Bus IP: High Speed USB 2.0 Device Controller
logo
EM Microelectronic - MA...
EM4233 EMMICRO-EM4233 Datasheet
50Kb / 1P
   2k bit Read/Write High Secure ISO15693 Standard Compliant Device
logo
Toshiba Semiconductor
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
logo
Solid States Devices, I...
RC0153A SSDI-RC0153A Datasheet
93Kb / 3P
   STANDARD RECOVERY HIGH POWER RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com