Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058ATJ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9058ATJ
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058ATJ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9058ATJ Datasheet HTML 2Page - Analog Devices AD9058ATJ Datasheet HTML 3Page - Analog Devices AD9058ATJ Datasheet HTML 4Page - Analog Devices AD9058ATJ Datasheet HTML 5Page - Analog Devices AD9058ATJ Datasheet HTML 6Page - Analog Devices AD9058ATJ Datasheet HTML 7Page - Analog Devices AD9058ATJ Datasheet HTML 8Page - Analog Devices AD9058ATJ Datasheet HTML 9Page - Analog Devices AD9058ATJ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV.
AD9058
–6–
THEORY OF OPERATION
The AD9058 contains two separate 8-bit analog-to-digital con-
verters (ADCs) on a single silicon die. The two devices can be
operated independently with separate analog inputs, voltage
references, and clocks.
In a traditional flash converter, 256 input comparators are required
to make the parallel conversion for 8-bit resolution. This is in
marked contrast to the scheme used in the AD9058, as shown
in Figure 1.
Unlike traditional “flash,” or parallel, converters, each of the two
ADCs in the AD9058 utilizes a patented interpolating archi-
tecture to reduce circuit complexity, die size, and input capacitance.
These advantages accrue because, compared to a conventional
flash design, only half the normal number of input comparator
cells is required to accomplish the conversion.
In this unit, each of the two independent ADCs uses only 128 (2
7)
comparators to make the conversion. The conversion for the
seven most significant bits (MSBs) is performed by the 128
comparators. The value of the least significant bit (LSB) is
determined by interpolation between adjacent comparators in
the decoding register. A proprietary decoding scheme processes
the comparator outputs and provides an 8-bit code to the output
register of each ADC; the scheme also minimizes error codes.
8
256
ANALOG IN
–VREF
+VREF
8
128
127
2
1
Figure 1. Comparator Block Diagram
Analog input range is established by the voltages applied at the
voltage reference inputs (+VREF and –VREF). The AD9058 can
operate from 0 V to 2 V using the internal voltage reference,
or anywhere between –1 V and +2 V using external references.
Input range is limited to 2 V p-p when using external references.
The internal resistor ladder divides the applied voltage reference
into 128 steps, with each step representing two 8-bit quanti-
zation levels.
COMP
ENCODE
A
ENCODE
+VINT
AIN A
+VS
D0A(LSB)
–VS
D0B(LSB)
D7A(MSB)
AIN B
D7B(MSB)
AD9058
(J-LEAD)
–VREF A
–VREF B
ENCODE
B
+VREF A
+VREF B
CLOCK
ANALOG
IN A
0.5V
ANALOG
IN B
0.5V
0.1 F
0.1 F
+5V
–5V
0.1 F
–2V
+2V
AD9617
400
400
20k
200
200
800
800
20k
5
5
0.1 F
10pF
1k
50
(SEE TEXT)
CLOCK
8
8
1N4001
4, 19, 21,
25, 27, 42
40
1
43
3
2
6
38
8
7, 20,
26, 39
28
29
30
31
32
33
34
35
18
17
16
15
14
13
12
11
5, 9, 22,
24, 37, 41
10
36
AD9617
AD707
74HCT04
Figure 2. AD9058 Using Internal 2 V Voltage Reference
E


Podobny numer części - AD9058ATJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ/883B AD-AD9058ATJ/883B Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ/883B AD-AD9058ATJ/883B Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ883B AD-AD9058ATJ883B Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Podobny opis - AD9058ATJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com