Zakładka z wyszukiwarką danych komponentów |
|
AD9058AJD Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD9058AJD Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 11 page REV. AD9058 –5– 7 17 18 28 39 29 6 ENCODE ENCODE D7 (MSB) 40 TOP VIEW (Not to Scale) AD9058 NC = NO CONNECT GROUND +VS –VREF –VREF –VS –VS +VS D7 (MSB) D6 D5 D3 D4 D2 D1 D1 D2 D3 D4 D5 D6 AD9058AJJ/AKJ Pinouts TOP VIEW (Not to Scale) 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 AD9058 NC = NO CONNECT GROUND D7 (MSB) ENCODE D6 +VS D5 GROUND D4 –VREF D3 –VS D2 NC D1 AIN D0 (LSB) +VS GROUND GROUND –VS +VREF GROUND COMP +VS +VINT +VS +VREF GROUND GROUND –VS +VS GROUND AIN D0 (LSB) NC D1 D2 –VREF D3 GROUND D4 +VS D5 ENCODE D6 GROUND D7 (MSB) –VS AD9058AJD/AKD Pinouts PIN FUNCTION DESCRIPTIONS J-Lead Ceramic DIP Pin Number Pin Number ADC-A ADC-B Mnemonic Function ADC-A ADC-B 343 +VREF Top of Internal Voltage Reference Ladder 14 11 4 42 GROUND Analog Ground Return 15 10 541 +VS Positive 5 V Analog Supply Voltage 16 9 640 AIN Analog Input Voltage 17 8 739 –VS Negative 5 V Supply Voltage 19 6 838 –VREF Bottom of Internal Voltage Reference Ladder 20 5 937 +VS Positive 5 V Digital Supply Voltage 22 3 10 36 ENCODE TTL Compatible Convert Command 23 2 11 35 D7 (MSB) Most Significant Bit of TTL Digital Output 25 48 12–17 34–29 D6–D1 TTL Compatible Digital Output Bits 26–31 47–42 18 28 D0 (LSB) Least Significant Bit of TTL Digital Output 32 41 19 27 GROUND Digital Ground Return 21, 24, 33 1, 4, 40 20 26 –VS Negative 5 V Supply Voltage 34 39 21 25 GROUND Analog Ground Return 35 38 22 24 +VS Positive 5 V Analog Supply Voltage 36 37 COMMON PINS COMMON PINS 1 COMP Connection for External (0.1 μF) 12 Compensation Capacitor 2+VINT Internal 2 V Reference; Can Drive 13 +VREF for Both ADCs PIN CONFIGURATIONS E |
Podobny numer części - AD9058AJD |
|
Podobny opis - AD9058AJD |