Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AJD Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9058AJD
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AJD Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9058AJD Datasheet HTML 3Page - Analog Devices AD9058AJD Datasheet HTML 4Page - Analog Devices AD9058AJD Datasheet HTML 5Page - Analog Devices AD9058AJD Datasheet HTML 6Page - Analog Devices AD9058AJD Datasheet HTML 7Page - Analog Devices AD9058AJD Datasheet HTML 8Page - Analog Devices AD9058AJD Datasheet HTML 9Page - Analog Devices AD9058AJD Datasheet HTML 10Page - Analog Devices AD9058AJD Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD9058
Rev. E | Page 10
OUTLINE DIMENSIONS
44-Lead Ceramic Leaded Chip Carrier — J-Formed Leads [JLCC]
(J-44)
Dimensions shown in inches and (millimeters)
48-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-48)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
AD9058AJJ
0°C to 70°C
44-Lead JLCC
J-44
AD9058AJJ-REEL
0°C to 70°C
44-Lead JLCC
J-44
AD9058AKJ
0°C to 70°C
44-Lead JLCC
J-44
AD9058ATJ/883B
–55°C to +125°C
44-Lead JLCC
J-44
AD9058AJD
0°C to 70°C
48-Lead SBDIP
D-48
AD9058AKD
0°C to 70°C
48-Lead SBDIP
D-48
AD9058ATD/883B
–55°C to +125°C
48-Lead SBDIP
D-48
1 For AD9058ATJ/883B and AD9058ATD/883B specifications, refer to Analog Devices Military Products Databook.
2 D = Hermetic ceramic DIP package; J = leaded ceramic package.
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
40
29
28
18
17
7
39
PIN 1
TOP VIEW
6
0.662 (16.82)
0.628 (15.95)
SQ
0.700 (17.78)
0.680 (17.27)
SQ
0.050
(1.27)
BSC
0.500 (12.70)
0.492 (12.50)
0.650 (16.51)
0.610 (15.49)
0.023 (0.58)
0.013 (0.33)
0.025 (0.64)
MIN
0.078 (1.98)
0.054 (1.37)
0.135 (3.43)
0.100 (2.54)
0.032 (0.81)
0.020 (0.51)
BOTTOM VIEW
PIN 1 INDEX
0.065 (1.65)
0.040 (1.02)
REF
 45°
3 PLACES
0.020 (0.51)
REF
 45°
48
124
25
0.620 (15.75)
0.590 (14.99)
PIN 1
0.098 (2.49)
MAX
0.005 (0.13)
MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
0.225 (5.72)
MAX
2.424 (63.57) MAX
0.110 (2.79)
0.090 (2.29)
0.630 (16.00)
0.520 (13.21)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.


Podobny numer części - AD9058AJD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AJD AD-AD9058AJD Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJD AD-AD9058AJD Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJD AD-AD9058AJD Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJD AD-AD9058AJD Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
More results

Podobny opis - AD9058AJD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com