Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9203ARUZ1 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9203ARUZ1
Szczegółowy opis  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9203ARUZ1 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9203ARUZ1 Datasheet HTML 1Page - Analog Devices AD9203ARUZ1 Datasheet HTML 2Page - Analog Devices AD9203ARUZ1 Datasheet HTML 3Page - Analog Devices AD9203ARUZ1 Datasheet HTML 4Page - Analog Devices AD9203ARUZ1 Datasheet HTML 5Page - Analog Devices AD9203ARUZ1 Datasheet HTML 6Page - Analog Devices AD9203ARUZ1 Datasheet HTML 7Page - Analog Devices AD9203ARUZ1 Datasheet HTML 8Page - Analog Devices AD9203ARUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9203
Rev. B | Page 4 of 28
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Two-Tone Intermodulation Distortion
IMD
68
dB
f = 44.49 MHz and 45.52 MHz
Differential Phase
DP
0.2
Degree
NTSC 40 IRE Ramp
Differential Gain
DG
0.3
%
DIGITAL INPUTS
High Input Voltage
VIH
2.0
V
Low Input Voltage
VIL
0.4
V
Clock Pulse Width High
11.25
ns
Clock Pulse Width Low
11.25
ns
Clock Period2
25
ns
DIGITAL OUTPUTS
High-Z Leakage
IOZ
± 5.0
µA
Output = 0 to DRVDD
Data Valid Delay
tOD
5
ns
CL= 20 pF
Data Enable Delay
tDEN
6
ns
CL= 20 pF
Data High-Z Delay
tDHZ
6
ns
CL= 20 pF
LOGIC OUTPUT (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
VOH
2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.80
V
Low Level Output Voltage (IOL= 1.6 mA)
VOL
0.3
V
Low Level Output Voltage (IOL= 50 µA)
VOL
0.05
V
1 Differential Input (2 V p-p).
2 The AD9203 will convert at clock rates as low as 20 kHz.
N
N+1
N–1
N+2
N+3
N+4
N+5
N+6
ANALOG
INPUT
DATA
OUT
N–7
N–6
N–5
N–4
TOD = 3ns MIN
7ns MAX
(CLOAD = 20pF)
N–3
N–2
N–1
N
N+1
CLOCK
Figure 2. Timing Diagram


Podobny numer części - AD9203ARUZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203ARUZ1 AD-AD9203ARUZ1 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results

Podobny opis - AD9203ARUZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203W AD-AD9203W Datasheet
134Kb / 8P
   10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com