Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV10N100E Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MTV10N100E
Szczegółowy opis  TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV10N100E Arkusz danych(HTML) 1 Page - Motorola, Inc

  MTV10N100E Datasheet HTML 1Page - Motorola, Inc MTV10N100E Datasheet HTML 2Page - Motorola, Inc MTV10N100E Datasheet HTML 3Page - Motorola, Inc MTV10N100E Datasheet HTML 4Page - Motorola, Inc MTV10N100E Datasheet HTML 5Page - Motorola, Inc MTV10N100E Datasheet HTML 6Page - Motorola, Inc MTV10N100E Datasheet HTML 7Page - Motorola, Inc MTV10N100E Datasheet HTML 8Page - Motorola, Inc MTV10N100E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
Power Field Effect Transistor
D3PAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
The D3PAK package has the capability of housing the largest chip
size of any standard, plastic, surface mount power semiconductor.
This allows it to be used in applications that require surface mount
components with higher power and lower RDS(on) capabilities. This
high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage–blocking capability without degrading
performance over time. In addition, this advanced TMOS E–FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. The new energy efficient design also offers a drain–to–
source diode with a fast recovery time. Designed for high voltage,
high speed switching applications in surface mount PWM motor
controls and both ac–dc and dc–dc power supplies. These devices
are particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Short Heatsink Tab Manufactured – Not Sheared
• Specifically Designed Leadframe for Maximum Power Dissipation
• Available in 24 mm, 13–inch/500 Unit Tape & Reel, Add –RL Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
1000
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
1000
Vdc
Gate–to–Source Voltage — Continuous
VGS
±20
Vdc
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
10
6.2
30
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TC = 25°C (1)
PD
250
2.0
3.57
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc, Peak IL = 10 Apk, L = 10 mH, RG = 25 Ω )
EAS
500
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (1)
R
θJC
R
θJA
R
θJA
0.5
62.5
35
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
(1) When surface mounted to an FR4 board using the minimum recommended pad size.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MTV10N100E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CASE 433–01, Style 2
D3PAK Surface Mount
MTV10N100E
TMOS POWER FET
10 AMPERES
1000 VOLTS
RDS(on) = 1.3 OHM
®
D
S
G
N–Channel
© Motorola, Inc. 1996


Podobny numer części - MTV10N100E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MTV10N100E ONSEMI-MTV10N100E Datasheet
285Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV10N100E ISC-MTV10N100E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV10N100E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTW10N100E MOTOROLA-MTW10N100E Datasheet
192Kb / 8P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
MTY10N100E MOTOROLA-MTY10N100E Datasheet
228Kb / 8P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTY14N100E MOTOROLA-MTY14N100E Datasheet
232Kb / 8P
   TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com