Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9066 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9066
Szczegółowy opis  Dual 6-Bit, 60 MSPS Monolithic A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9066 Arkusz danych(HTML) 6 Page - Analog Devices

  AD9066 Datasheet HTML 1Page - Analog Devices AD9066 Datasheet HTML 2Page - Analog Devices AD9066 Datasheet HTML 3Page - Analog Devices AD9066 Datasheet HTML 4Page - Analog Devices AD9066 Datasheet HTML 5Page - Analog Devices AD9066 Datasheet HTML 6Page - Analog Devices AD9066 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
–6–
+
+
AD9066
CLKIN
OPTIONAL
BPF
OR LPF
PLL
VINA
VINB
CLOCK
1
6
11
28
27
26
25
24
23
20
19
18
17
16
15
A OUTPUTS
(INPHASE)
B OUTPUTS
(QUADRATURE)
0
90
RECEIVED SIGNAL
STRENGTH INDICATOR
AGC
DETECTOR
PTAT
VOLTAGE
10
VMID
10
100nF
330
100nF
4.7 F
330
BANDPASS
FILTER
AGC VOLTAGE
MIDPOINT
BIAS
GENERATOR
BIAS
CIRCUIT
–16dBM
LOCAL
OSCILLATOR
RF INPUT
(ANTENNA)
AD607
Figure 8. Digitizer with AD607 Receiver Circuit
Theory of Operation
The AD9066 dual ADC employs a patented interpolated flash
architecture. This architecture enables 64 possible quantization
levels with only 32 comparator preamplifiers. This keeps input
capacitance to a minimum. The midpoint of the reference lad-
der is fed back to the analog input, allowing easy biasing of the
ADC to midscale for ac coupled applications.
As shown in Figure 4d, a simple resistor is used to provide the
reference ladder midpoint to the analog input. The high imped-
ance MOS inputs of the comparators insure no static voltage
drop across the resistor. This eliminates the need for an active
buffer (and its inherent offsets) to set the reference midpoint at
the analog input.
The outputs of the comparators are converted to a 6-bit word
and converted to CMOS levels. The digital signals are latched at
six stages (two pipeline delays) in the signal path. The digital
outputs are CMOS with approximately equal rise and fall times.
The encode clock utilizes a CMOS input stage with TTL-
compatible (1.4 V) thresholds. Internal clock buffers minimize
external clock drive requirements.
REV. A
AD9066


Podobny numer części - AD9066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066AR AD-AD9066AR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066ARS AD-AD9066ARS Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066JR AD-AD9066JR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com