Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9066 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9066
Szczegółowy opis  Dual 6-Bit, 60 MSPS Monolithic A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9066 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9066 Datasheet HTML 1Page - Analog Devices AD9066 Datasheet HTML 2Page - Analog Devices AD9066 Datasheet HTML 3Page - Analog Devices AD9066 Datasheet HTML 4Page - Analog Devices AD9066 Datasheet HTML 5Page - Analog Devices AD9066 Datasheet HTML 6Page - Analog Devices AD9066 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD9066
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
Pin
Min
Max
Unit
ENCODE
–0.5
+VS
V
+VS
7.0
V
INA, INB
–0.5
+VS
V
VT
2.5
+VS
V
REF A, REF B
–0.5
+VS
V
VB
0.0
+VS
V
D0–D5 Current OUT
20
mA
EXPLANATION OF TEST LEVELS
Test Level
Description
I
100% Production Tested
II
100% Production Tested at +25
°C, and
Sample Tested at Specified Temperatures
III
Sample Tested Only
IV
Parameter Is Guaranteed by Design
V
Parameter Is Typical Value Only
VI
100% Tested at +25
°C
PIN DESCRIPTIONS
AR:JR ARS
Pin
Pin
No.
No.
Name
Function
1
22
ENCODE
TTL Compatible CMOS Clock,
Samples on Rising Edge.
223
+VS
+5 V Supply for Digital Input.
3
24
GND
Ground.
4
25
GND
Ground.
526
+VS
+5 V Supply (Analog).
6
27
INA
Channel A Analog Input.
7
28
GND
Ground.
81
+VS
+5 V Supply (Analog).
9
2
VT
Top of Voltage Reference, Bypass
to GND.
10
3
REF A
Mid Reference to ADC A, Bypass
to GND.
11
4
INB
Channel B Analog Input.
12
5
REF B
Mid Reference to ADC B, Bypass
to GND.
13
6
VB
Bottom of Reference Ladder, By-
pass to GND.
14
7
NC
No Connect.
15
8
D0B (LSB)
Digital Outputs Channel B,
CMOS Compatible.
16
9
D1B
17
10
D2B
18
11
D3B
19
12
D4B
20
13
D5B (MSB)
21
14
+VS
+5 V Supply for Digital Outputs.
22
15
GND
Ground.
23
16
D0A (LSB)
Digital Outputs Channel A,
CMOS Compatible.
24
17
D1A
25
18
D2A
26
19
D3A
27
20
D4A
28
21
D5A (MSB)
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . 132
× 68 × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . Ground
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5,810
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . Silicon Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Silver Filled
Bond Wire . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9066 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD9066AR
–40
°C to +85°C
R-28
AD9066JR
0
°C to +70°C
R-28
AD9066ARS
–40
°C to +85°C
RS-28
*R = “SO” Small Outline Package; RS = SSOP.


Podobny numer części - AD9066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066AR AD-AD9066AR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066ARS AD-AD9066ARS Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066JR AD-AD9066JR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com