Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9066AR Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9066AR
Szczegółowy opis  Dual 6-Bit, 60 MSPS Monolithic A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9066AR Arkusz danych(HTML) 4 Page - Analog Devices

  AD9066AR Datasheet HTML 1Page - Analog Devices AD9066AR Datasheet HTML 2Page - Analog Devices AD9066AR Datasheet HTML 3Page - Analog Devices AD9066AR Datasheet HTML 4Page - Analog Devices AD9066AR Datasheet HTML 5Page - Analog Devices AD9066AR Datasheet HTML 6Page - Analog Devices AD9066AR Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
–4–
MHz
5.8
1
5.7
5.6
5.5
5.4
5.3
5.2
10
100
ENCODE = 60MSPS
Figure 1. ENOB vs. Analog Input Frequency
MHz
5.8
5.7
5.6
5.5
5.4
5.3
5.2
10
100
ANALOG INPUT = 10.1MHz
Figure 2. ENOB vs. Encode Rate
USING THE AD9066
Analog Input and Voltage References
The AD9066 is optimized to allow ac coupled inputs with a full-
scale input range of 500 mV
± 5%. An LSB weight is approxi-
mately 8 mV. The full-scale input range is defined as the voltage
range that accommodates 2
n – 2 codes of equally weighted LSBs
(between the first and last code transitions). For the AD9066
there are 32 codes above and below the midscale voltage of the
A see Figure 3).
The full-scale input range of the AD9066 is equal to 500/620
×
(VT – VB), or nominally 500 mV. For dc coupled applications,
the REF A and REF B voltages can be used to feed back offset
compensation signals. This will allow the midscale transition
voltage of the ADCs to track supply and temperature variations.
In the event that offset correction signals are generated digitally,
the REF pins would not be required. Figure 4a shows the
equivalent circuit for the internal references. All component
tolerances are
±25%.
Gain Variation
The full-scale input range is established by the current through
the two matched resistor ladders (620 ohms each nominal). There-
fore the gain of the ADC may be modified by forcing different
voltages across the top and bottom voltage taps (VT and VB).
The easiest way to increase the input range will be to force VB
to a lower voltage. Using an external amplifier, the voltage at VB
may be forced as low as 3.0 V (3.58 nominal). Using the pre-
viously described relationship for full scale and the internal
resistor ladder values, 3.0 V at VB will result in a nominal full-
scale input range of 705 mV.
A larger input range can be established by taking the VT voltage
all the way to the supply voltage level while pulling VB to 3.0 V.
This would force a 2 V potential across the ladder and create a
full-scale input range of 1.6 V.
Greater flexibility and improved power supply rejection can be
achieved by forcing external voltage references at both the top
and bottom of the resistor ladder.
111111
011111
100000
000001
000000
2n –2 = 62
–FULL-SCALE
MIDSCALE
+FULL-SCALE
Figure 3.
310
310
310
310
400
40k
40k
REF A
REF B
2mA
+VS = 5V
VT
VB
VS
40k
REF
OUTPUTS
VS
VS
INPUT
1.4V THRESHOLD
Figure 4. Equivalent Circuits
d. Analog Input
c. Output Bits
a. Reference Circuit
b. Encode Input
REV. A
AD9066


Podobny numer części - AD9066AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066AR AD-AD9066AR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066ARS AD-AD9066ARS Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9066AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com