Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9203 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9203
Szczegółowy opis  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9203 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9203 Datasheet HTML 1Page - Analog Devices AD9203 Datasheet HTML 2Page - Analog Devices AD9203 Datasheet HTML 3Page - Analog Devices AD9203 Datasheet HTML 4Page - Analog Devices AD9203 Datasheet HTML 5Page - Analog Devices AD9203 Datasheet HTML 6Page - Analog Devices AD9203 Datasheet HTML 7Page - Analog Devices AD9203 Datasheet HTML 8Page - Analog Devices AD9203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9203
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = 3 V, DRVDD = 3 V, FS = 40 MSPS, input span from 0.5 V to 2.5 V, internal 1 V reference, PWRCON = AVDD, 50% clock duty
cycle, TMIN to TMAX unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
RESOLUTION
10
Bits
MAX CONVERSION RATE
FS
40
MSPS
PIPELINE DELAY
5.5
Clock
Cycles
DC ACCURACY
Differential Nonlinearity
DNL
± 0.25 ± 0.7
LSB
Integral Nonlinearity
INL
± 0.65 ± 1.4
LSB
Offset Error
EZS
± 0.6 ± 2.8
% FSR
Gain Error
EFS
± 0.7 ± 4.0
% FSR
ANALOG INPUT
Input Voltage Range
AIN
1
2
V p-p
Input Capacitance
CIN
1.4
pF
Aperture Delay
TAP
2.0
ns
Aperture Uncertainty (Jitter)
TAJ
1.2
ps rms
Input Bandwidth (–3 dB)
BW
390
MHz
Input Referred Noise
0.3
mV
Switched, Single-Ended
INTERNAL REFERENCE
Output Voltage (0.5 V Mode)
VREF
0.5
V
REFSENSE = VREF
Output Voltage (1 V Mode)
VREF
1
V
REFSENSE = GND
Output Voltage Tolerance (1 V Mode)
± 5
± 30
mV
Load Regulation
0.65
1.2
mV
1.0 mA Load
POWER SUPPLY
Operating Voltage
AVDD
2.7
3.0
3.6
V
DRVDD
2.7
3.0
3.6
V
Analog Supply Current
IAVDD
20.1
22.0
mA
Digital Supply Current
IDRVDD
4.4
6.0
mA
fIN= 4.8 MHz, Output Bus Load = 10pF
9.5
14.0
mA
fIN= 20 MHz, Output Bus Load = 20 pF
Power Consumption
74
84.0
mW
fIN= 4.8 MHz, Output Bus Load = 10pF
88.8
108.0
mW
fIN= 20 MHz, Output Bus Load = 20 pF
Power-Down
PD
0.65
1.2
mW
Power Supply Rejection Ratio
PSRR
0.04
± 0.25
% FS
DYNAMIC PERFORMANCE (AIN = 0.5 dBFS)
Signal-to-Noise and Distortion
1
SINAD
f = 4.8 MHz
59.7
dB
f = 20 MHz
57.2
59.3
dB
Effective Bits
ENOB
f = 4.8 MHz
1
9.6
Bits
f = 20 MHz
9.2
9.55
Bits
Signal-to-Noise Ratio
SNR
f = 4.8 MHz
1
60.0
dB
f = 20 MHz
57.5
59.5
dB
Total Harmonic Distortion
THD
f = 4.8MHz
−76.0
dB
f = 20 MHz
−74.0
−65.0
dB
Spurious-Free Dynamic Range
SFDR
f = 4.8 MHz1
80
dB
f = 20 MHz
67.8
78
dB


Podobny numer części - AD9203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203 AD-AD9203 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 29P
   A/D Converter
AD9203-EB AD-AD9203-EB Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
More results

Podobny opis - AD9203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203W AD-AD9203W Datasheet
134Kb / 8P
   10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com