Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV32N20E Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MTV32N20E
Szczegółowy opis  TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV32N20E Arkusz danych(HTML) 4 Page - Motorola, Inc

  MTV32N20E Datasheet HTML 1Page - Motorola, Inc MTV32N20E Datasheet HTML 2Page - Motorola, Inc MTV32N20E Datasheet HTML 3Page - Motorola, Inc MTV32N20E Datasheet HTML 4Page - Motorola, Inc MTV32N20E Datasheet HTML 5Page - Motorola, Inc MTV32N20E Datasheet HTML 6Page - Motorola, Inc MTV32N20E Datasheet HTML 7Page - Motorola, Inc MTV32N20E Datasheet HTML 8Page - Motorola, Inc MTV32N20E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MTV32N20E
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
10
5
0
5
10
25
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
VGS
VDS
TJ = 25°C
VDS = 0 V
VGS = 0 V
8000
6000
4000
2000
0
15
20
10000
Ciss
Crss
Coss


Podobny numer części - MTV32N20E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
MTV32N20E ISC-MTV32N20E Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV32N20E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
   TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTP36N06V MOTOROLA-MTP36N06V Datasheet
188Kb / 8P
   TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTP20N20E MOTOROLA-MTP20N20E Datasheet
203Kb / 8P
   TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
   TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
MTE125N20E MOTOROLA-MTE125N20E Datasheet
228Kb / 8P
   TMOS POWER FET 125 AMPERES 200 VOLTS RDS(on) = 0.015 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTP7N20E MOTOROLA-MTP7N20E Datasheet
223Kb / 8P
   TMOS POWER FET 7.0 AMPERES 200 VOLTS RDS(on) = 0.70 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com