Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAB0130 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części CAB0130
Szczegółowy opis  Taoglas Cable Assembly SMA(F) Bulkhead Straight to MCX(M) Plug Straight with 75mm RG-174 cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CAB0130 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB0130 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB0130 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB0130 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB0130 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB0130 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-11-8-088/B
Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Temperature rating:
80°C
2
Voltage Rating:
30V
3
Insulation Resistance:
10
MΩ-Km (Min) at 20°C dc
500V(EIA-364-21)
4
Conductor Resistance:
20°C 26 AWG:
148.9
6 Ω/Km (Max)
5
Capacitance:
30.8pf/ft
6
Dielectric Strength
AC 500V/1 minute no breakdown
(EIA-364-20)
7
Impedance:
10MHz
3GHz
50
 5 Ω
8
Standard Attenuation:
100MHz
8.4 dB/100ft
200MHz
12.5 dB/100ft
400MHz
19.0 dB/100ft
900MHz
31.0 dB/100ft
1GHz
34.0 dB/100ft
1.8GHz
49.4 dB/100ft
2.34GHz
53.0 dB/100ft


Podobny numer części - CAB0130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
CAB0130 TAOGLAS-CAB0130 Datasheet
331Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to MCX(M) Plug Straight with 75mm RG-174 cable
More results

Podobny opis - CAB0130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
CAB0130 TAOGLAS-CAB0130 Datasheet
331Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to MCX(M) Plug Straight with 75mm RG-174 cable
CAB0114 TAOGLAS-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
logo
List of Unclassifed Man...
CAB0114 ETC2-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
CABT01 ETC2-CABT01 Datasheet
317Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight Jack to TS9(M) Straight Plug with 100mm RG-174 cable
CAB0101 ETC2-CAB0101 Datasheet
284Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight to SMB(F) Plug with 100mm RG-174 cable
logo
Taoglas antenna solutio...
CAB0101 TAOGLAS-CAB0101 Datasheet
330Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight to SMB(F) Plug with 100mm RG-174 cable
logo
List of Unclassifed Man...
CAB01402 ETC2-CAB01402 Datasheet
281Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to MMCX(M) Plug R/A with 100m RG-174 cable
CAB922 ETC2-CAB922 Datasheet
273Kb / 6P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to Murata GSC with 95mm 0.81mm cable
logo
Taoglas antenna solutio...
CAB0121 TAOGLAS-CAB0121 Datasheet
385Kb / 5P
   Taoglas Cable Assembly SMA Bulkhead Jack Straight to FME Straight
CAB011 TAOGLAS-CAB011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95m 1.13 cable
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com