Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAB917 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części CAB917
Szczegółowy opis  Taoglas Cable Assembly N type Male Straight to N type Female Straight with 1M CFD-200 cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CAB917 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB917 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB917 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB917 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB917 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB917 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAB917 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPE-11-8-116/B
Page 3 of 6
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
Insulation Resistance:
1000 MΩ-Km (Min)
Capacitance
80.4
 3 pF/m
Nom. Impedance
50
 3 Ω
Attenuation
150MHz
450MHz
900MHz
1500MHZ
1800MHZ
2500MHZ
(dB/100M)
12.1
21.6
31.2
41.1
45.3
54.4


Podobny numer części - CAB917

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CAB916 ETC2-CAB916 Datasheet
309Kb / 5P
   Taoglas Cable Assembly N type Male Straight to N type Male Straight with 1M CFD-200 cable
More results

Podobny opis - CAB917

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CAB916 ETC2-CAB916 Datasheet
309Kb / 5P
   Taoglas Cable Assembly N type Male Straight to N type Male Straight with 1M CFD-200 cable
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
logo
Taoglas antenna solutio...
CAB0121 TAOGLAS-CAB0121 Datasheet
385Kb / 5P
   Taoglas Cable Assembly SMA Bulkhead Jack Straight to FME Straight
logo
Pasternack Enterprises,...
PE3830LF PASTERNACK-PE3830LF Datasheet
293Kb / 1P
   CABLE ASSEMBLY MALE TO N FEMALE BULKHEAD
logo
Pomona Electronics
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
logo
List of Unclassifed Man...
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
logo
Pasternack Enterprises,...
PE34296LF PASTERNACK-PE34296LF Datasheet
99Kb / 1P
   CABLE ASSEMBLY PE-SR047AL N MALE TO N FEMALE
PE34716 PASTERNACK-PE34716 Datasheet
108Kb / 1P
   CABLE ASSEMBLY, PE-C400, N MALE TO N FEMALE
PE3650 PASTERNACK-PE3650 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG214/U, N MALE TO N FEMALE
PE37951 PASTERNACK-PE37951_17 Datasheet
117Kb / 1P
   CABLE ASSEMBLY, PE-C600, N MALE TO N FEMALE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com