Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L79L15AC Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części L79L15AC
Szczegółowy opis  Negative voltage regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L15AC Arkusz danych(HTML) 5 Page - STMicroelectronics

  L79L15AC Datasheet HTML 1Page - STMicroelectronics L79L15AC Datasheet HTML 2Page - STMicroelectronics L79L15AC Datasheet HTML 3Page - STMicroelectronics L79L15AC Datasheet HTML 4Page - STMicroelectronics L79L15AC Datasheet HTML 5Page - STMicroelectronics L79L15AC Datasheet HTML 6Page - STMicroelectronics L79L15AC Datasheet HTML 7Page - STMicroelectronics L79L15AC Datasheet HTML 8Page - STMicroelectronics L79L15AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
L79LxxAB, L79LxxAC, L79LxxC
Maximum ratings
Doc ID 2511 Rev 16
5/27
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
VO = -5 to -9 V
-30
V
VO = -12 to -15 V
-35
IO
Output current
100
mA
PD
Power dissipation
Internally limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
For L79L00C, L79L00AC
0 to 125
°C
For L79L00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case. (Max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient. (Max)
55 (1)
200
°C/W
1.
Considering 6 cm2 of copper Board heat-sink.


Podobny numer części - L79L15AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L79L15AC STMICROELECTRONICS-L79L15AC Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L15AC STMICROELECTRONICS-L79L15AC Datasheet
701Kb / 22P
   Negative voltage regulators
L79L15ACD STMICROELECTRONICS-L79L15ACD Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L15ACD13TR STMICROELECTRONICS-L79L15ACD13TR Datasheet
705Kb / 22P
   Negative voltage regulators
L79L15ACD13TR STMICROELECTRONICS-L79L15ACD13TR Datasheet
801Kb / 24P
   Negative voltage regulators
February 2016 Rev 18
More results

Podobny opis - L79L15AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com