Zakładka z wyszukiwarką danych komponentów |
|
AM27C64-150JE Arkusz danych(PDF) 4 Page - Advanced Micro Devices |
|
AM27C64-150JE Arkusz danych(HTML) 4 Page - Advanced Micro Devices |
4 / 12 page 4 Am27C64 ORDERING INFORMATION OTP EPROM Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27C64 64 Kilobit (8 K x 8-Bit) CMOS OTP EPROM AM27C64 -55 P C OPTIONAL PROCESSING Blank = Standard Processing TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE P = 28-Pin Plastic DIP (PD 028) J = 32-Pin Plastic Leaded Chip Carrier (PL 032) SPEED OPTION See Product Selector Guide and Valid Combinations Valid Combinations AM27C64-55 JC, PC, JI, PI AM27C64-70 AM27C64-90 AM27C64-120 AM27C64-150 AM27C64-200 AM27C64-255 |
Podobny numer części - AM27C64-150JE |
|
Podobny opis - AM27C64-150JE |