Zakładka z wyszukiwarką danych komponentów |
|
AM27C64-200JE Arkusz danych(PDF) 3 Page - Advanced Micro Devices |
|
AM27C64-200JE Arkusz danych(HTML) 3 Page - Advanced Micro Devices |
3 / 12 page Am27C64 3 ORDERING INFORMATION UV EPROM Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27C64 64 Kilobit (8 K x 8-Bit) CMOS UV EPROM AM27C64 -45 D C OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In TEMPERATURE RANGE C = Commercial (0 °C to +70 °C) I= Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE D = 28-Pin Ceramic DIP (CDV028) SPEED OPTION See Product Selector Guide and Valid Combinations B Valid Combinations AM27C64-45 DC, DCB, DI, DIB AM27C64-55 AM27C64-70 DC, DCB, DI, DIB, DE, DEB AM27C64-90 AM27C64-120 AM27C64-150 AM27C64-200 AM27C64-255 VCC = 5.0 V ± 5% DC, DCB, DI, DIB |
Podobny numer części - AM27C64-200JE |
|
Podobny opis - AM27C64-200JE |