Zakładka z wyszukiwarką danych komponentów |
|
AM28F256-200FCB Arkusz danych(PDF) 5 Page - Advanced Micro Devices |
|
AM28F256-200FCB Arkusz danych(HTML) 5 Page - Advanced Micro Devices |
5 / 35 page Am28F256 5 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am28F256 256 Kilobit (32 K x 8-Bit) CMOS Flash Memory AM28F256 -70 J C OPTIONAL PROCESSING Blank = Standard Processing B= Burn-In Contact an AMD representative for more information. TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) F = 32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR032) SPEED OPTION See Product Selector Guide and Valid Combinations B Valid Combinations AM28F256-70 PC, PI, PE, JC, JI, JE, EC, EI, EE, FC, FI, FE AM28F256-90 AM28F256-120 AM28F256-150 AM28F256-200 |
Podobny numer części - AM28F256-200FCB |
|
Podobny opis - AM28F256-200FCB |