Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243ANZ Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części AD7243ANZ
Szczegółowy opis  STANDARD MICROCIRCUIT DRAWING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

AD7243ANZ Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  AD7243ANZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93204
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions
1/
-55
°C ≤ T
A ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Relative accuracy 2/
RA
1, 2, 3
01
±1
LSB
Differential nonlinearity 2/
DNL
Guaranteed monotonic
1, 2, 3
01
±0.9
LSB
Unipolar offset error 2/
UOE
DAC latch contents all 0s
1, 2, 3
01
±5
LSB
Bipolar zero error
BZE
DAC latch contents 2048
1, 2, 3
01
±6
LSB
Full scale error 2/ 3/
AE
1, 2, 3
01
±7
LSB
Voltage reference output
REFOUT
1, 2, 3
01
4.95
5.05
V
Reference load change
REFLC
Reference load current (IL)
change (0-100
µA)
1, 2, 3
01
-1
mV
Reference input range 4/
REFIN
1, 2, 3
01
4.95
5.05
V
Reference input current
RIN
1, 2, 3
01
5
µA
Digital input high
2/
voltage
VINH
7. 8
01
2.4
V
Digital input low
2/
voltage
VINL
7, 8
01
0.8
V
Digital input current
IIN
VIN = 0 V to VDD,
VDD = 15.75 V, VSS = -15.75 V
1, 2, 3
01
±1
µA
Input capacitance
CIN
See 4.4.1c
4
01
8
pF
Digital output low voltage
VOL
ISINK = 1 mA
1, 2, 3
01
0.4
V
Digital output high voltage
VOH
ISOURCE = 400 µA
1, 2, 3
01
4.0
V
Analog output range
resistor
ROUT
1, 2, 3
01
15
30
k
Analog output voltage
5/
ranges
VOUT
Single supply, VSS = 0 V
1, 2, 3
01
5
10
V
Dual supplies, VSS = -12 V to -
15 V
5
10
-5
+5
Positive power supply
current
IDD
VDD = 15.75 V, VSS = -15.75 V,
output unloaded, 10 V range
1, 2, 3
01
12
mA
Negative power supply
current
ISS
VDD = 15.75 V, VSS = -15.75 V,
output unloaded, 10 V range,
dual supplies
1, 2, 3
01
4
mA
See footnotes at end of table.


Podobny numer części - AD7243ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
More results

Podobny opis - AD7243ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com