Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243SQ883B Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części AD7243SQ883B
Szczegółowy opis  STANDARD MICROCIRCUIT DRAWING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

AD7243SQ883B Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD7243SQ883B Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93204
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
11
DSCC FORM 2234
APR 97
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table II herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness assured
(see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table II herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All device
classes must meet the postirradiation end-point electrical parameter limits as defined in table I at TA = +25°C ±5°C,
after exposure, to the subgroups specified in table II herein.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device classes
Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.
6.3 Record of users. Military and industrial users should inform Defense Supply Center Columbus (DSCC) when a system
application requires configuration control and which SMD's are applicable to that system. DSCC will maintain a record of users
and this list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronic
devices (FSC 5962) should contact DSCC-VA, telephone (614) 692-0544.
6.4 Comments. Comments on this drawing should be directed to DSCC-VA , Columbus, Ohio 43218-3990, or telephone
(614) 692-0547.
6.5 Abbreviations, symbols, and definitions. The abbreviations, symbols, and definitions used herein are defined in
MIL-PRF-38535 and MIL-HDBK-1331.
6.6 Sources of supply.
6.6.1 Sources of supply for device classes Q and V. Sources of supply for device classes Q and V are listed in QML-38535.
The vendors listed in QML-38535 have submitted a certificate of compliance (see 3.6 herein) to DSCC-VA and have agreed to
this drawing.
6.6.2 Approved sources of supply for device class M. Approved sources of supply for class M are listed in MIL-HDBK-103.
The vendors listed in MIL-HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been
submitted to and accepted by DSCC-VA.


Podobny numer części - AD7243SQ883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243SQ2 AD-AD7243SQ2 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243SQ2 AD-AD7243SQ2 Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243SQ2 AD-AD7243SQ2 Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243SQ883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com