Zakładka z wyszukiwarką danych komponentów |
|
V-162-1C5 Arkusz danych(PDF) 1 Page - Omron Electronics LLC |
|
V-162-1C5 Arkusz danych(HTML) 1 Page - Omron Electronics LLC |
1 / 16 page 1 V V Miniature Basic Switch Miniature Basic Switch that Offers High Reliability and Security ● Wide variation of best-selling microswitches with switching currents of 10 to 21 A. ● Can be used for interrupting current when doors are opened or closed. ● Available in two types of cases: thermoplastic resin and thermosetting resin. RoHS Compliant Model Number Legend V- @@-@@@@ 1. Ratings 21: 21 A at 250 VAC 16: 16 A at 250 VAC 15: 15 A at 250 VAC 10: 10 A at 250 VAC 2. Actuator None : Pin plunger 1 : Short hinge lever 2 : Hinge lever 3 : Long hinge lever 4 : Simulated roller lever 5 : Short hinge roller lever 6 : Hinge roller lever 3. Contact Form 1: SPDT 2: SPST-NC 3: SPST-NO 1 2 3456 4. Terminals A : Solder terminals C2 : Quick-connect terminals (#187) C : Quick-connect terminals (#250) 5. Maximum Operating Force 6: 3.92 N {400 gf} 5: 1.96 N {200 gf} 4: 0.98 N {100 gf} Note: These values are for the pin plunger models. 6. Heat Resistance None : Standard (80°C) -T : Heat-resistive (150°C) |
Podobny numer części - V-162-1C5 |
|
Podobny opis - V-162-1C5 |