Zakładka z wyszukiwarką danych komponentów |
|
BZW50-180 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
BZW50-180 Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 8 page This is information on a product in full production. December 2012 Doc ID 2973 Rev 5 1/8 8 BZW50 Transil™, transient voltage surge suppressor (TVS) Datasheet production data Features ■ Peak pulse power: 5000 W (10/1000 µs) ■ Stand-off voltage range from 10 V to 180 V ■ Unidirectional and bidirectional types ■ Low clamping factor ■ Fast response time ■ UL497B, file number: QVGQ2.E136224 Description Transil diodes provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS Technology and low voltage supplied ICs. TM:Transil is a trademarks of STMicroelectronics. R6 www.st.com |
Podobny numer części - BZW50-180 |
|
Podobny opis - BZW50-180 |