Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC4060B1R Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części M74HC4060B1R
Szczegółowy opis  14-stage binary counter/oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4060B1R Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button M74HC4060B1R Datasheet HTML 3Page - STMicroelectronics M74HC4060B1R Datasheet HTML 4Page - STMicroelectronics M74HC4060B1R Datasheet HTML 5Page - STMicroelectronics M74HC4060B1R Datasheet HTML 6Page - STMicroelectronics M74HC4060B1R Datasheet HTML 7Page - STMicroelectronics M74HC4060B1R Datasheet HTML 8Page - STMicroelectronics M74HC4060B1R Datasheet HTML 9Page - STMicroelectronics M74HC4060B1R Datasheet HTML 10Page - STMicroelectronics M74HC4060B1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID1967 Rev 2
7/16
M74HC4060
Electrical characteristics
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test
condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation delay
time (
I - Q4)
2.0
170
300
375
450
ns
4.5
41
60
75
90
6.0
30
51
64
76
tPD
Propagation delay
time difference
(Qn - Qn+1)
2.0
32
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19
tPHL
Propagation delay
time (CLEAR - Qn)
2.0
85
195
245
295
ns
4.5
23
39
49
59
6.0
17
33
42
50
fMAX
Maximum clock
frequency
2.0
6
12
5
4
MHz
4.5
30
50
24
20
6.0
35
65
28
24
tW(H), tW(L)
Minimum pulse width
(
I)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tW(H)
Minimum pulse width
(CLEAR)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tREM
Minimum removal
time
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
17
21
26


Podobny numer części - M74HC4060B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4060B1R STMICROELECTRONICS-M74HC4060B1R Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
More results

Podobny opis - M74HC4060B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
   RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com